Electronic Components Datasheet Search
  English  ▼

X  

ML22Q563 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
Command List
Each command is configured in 1-byte (8-bit) units.
Each of the AMODE, AVOL FADR, PLAY, MUON, and
CVOL commands forms one command by two bytes.Be sure to input the following commands only.
Input each command with CBUSYB set to a ”H” level.
Command
D7
D6
D5
D4
D3
D2
D1
D0
Description
PUP
0
0
0
0
0
0
0
WCM
Shifts the device currently
powered down to a command
wait state. Also the two-time
command input mode is set
by this command.
0
0
0
0
0
1
HPF1
HPF0
AMODE
0
DAG1 DAG0
AIG1
AIG0
DAEN
SPEN
POP
Analog section control
command.
Configures settings for
power-up operation and
analog input/output.
Selects the type of HPF.
0
0
0
0
1
0
0
0
AVOL
—
—
AV5
AV4
AV3
AV2
AV1
AV0
Analog mixing signal volume
setting command. Use the
data of the 2nd byte to
specify volume.
0
0
0
0
1
1
0
0
FAD
0
0
0
0
FAD3
FAD2
FAD1
FAD0
Sets the fade-in time in cases
where the speaker amplifier
is enabled by the AMODE
command.
PDWN
0
0
1
0
0
0
0
0
Shifts the device from a
command wait state to a
power-down state.
0
0
1
1
C1
C0
F9
F8
FADR
F7
F6
F5
F4
F3
F2
F1
F0
Playback phrase specification
command.
Can be specified for each
channel.
0
1
0
0
C1
C0
F9
F8
PLAY
F7
F6
F5
F4
F3
F2
F1
F0
Playback start command.
Use the data of the 2nd byte
to specify a phrase number.
Can be specified for each
channel.
START
0
1
0
1
CH3
CH2
CH1
CH0
Playback start command
without phrase specification.
Used to start playback on
multiple channels at the same
time after phrases are
specified with the FADR
command. After a phrase is
played with the PLAY
command, the same phrase
can be played with this
command.
STOP
0
1
1
0
CH3
CH2
CH1
CH0
Playback stop command.
Can be specified for each
channel.
27/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com