Electronic Components Datasheet Search
  English  ▼

X  

ML22Q563 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 58Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 59Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 60Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 61Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 62Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 63Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 64Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 65Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 66Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
LIMITATION ON THE OPERATION TIME (PLAY-BACK TIME)
ML22Q573/ML22573’s operating temperature is 105℃. But the average ambient temperature at 1W play-back
(8ohm drive) during 10 years in the reliability design is Ta=55℃. (max ( the package heat resistance θ
ja=42.51[℃/W]) )
When ML22Q573/ML22573 operates 1W play-back(8ohm drive) consecutively, the product life changes by the
package temperature rise by the consumption. This limitation does not matter in the state that a speaker amplifier
does not play.
The factor to decide the operation time ( play-back time ) is the average ambient temperature( Ta ), play-back
Watts( at the speaker drive mode), the soldering area ratio*1, and so on. In addition, the limitation on the
operation time changes by the heat designs of the board.
PACKAGE HEAT RESISTANCE VALUE (REFERENCE VALUE)
The following table is the package heat resistance value θja (reference value).
This value changes the condition of the board (size, layer number, and so on)
The board
θ
ja
The condition
JEDEC 4layers
(
W/L/t=76.2/114.5/1.6(mm))
42.51[℃/W]
JEDEC 2layers
(
W/L/t=76.2/114.5/1.6(mm))
55.37[℃/W]
No wind (0m/sec)
the soldering area ratio*1:100%
*1 : The soldering area ratio is the ratio that the heat sink area of ML22Q573/ML22573 and a land pattern on
the board are soldered. 100% mean that the heat sink area of ML22Q573/ML22573 is completely soldered
to the land pattern on the board. About the land pattern on the board, be sure to refer to the next clause
(PACKAGE DIMENSIONS).
62/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com