Electronic Components Datasheet Search
  English  ▼

X  

ML22Q563 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 49Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 50Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
14. RDSTAT command
command
1
0
1
1
0
0
0
ERR
The RDSTAT command enables reading the status of internal operation. It is possible to input the CLOOP
command regardless of the status of the NCR signal during playback, but a prescribed command interval needs
taking.
The ERR bit selects reading the playback status for each channel or reading the status of the fail-safe function.
Keep the SI pin to “L” when read the status.
ERR
Content of data to read
0
NCR and BUSYB signals for each channel (Initial value)
1
Status of the fail-safe function
If the ERR bit is set to ”0”, the following status will be read:
Output bit
D7
D6
D5
D4
D3
D2
D1
D0
Output
data
BUSYB3
BUSYB2
BUSYB1
BUSYB0
NCR3
NCR2
NCR1
NCR0
When the ERR bit = ”0”, the NCR and BUSYB signals of each channel are read.
The NCR signal outputs a
“L” level while this LSI is performing command processing and goes to a “H” level when the LSI enters a
command waiting state.
The BUSY signal outputs a “L” level during voice playback.
The table below shows the contents of each data output at a status read.
Output status signal
BUSY3
Channel 3 BUSYB output
BUSY2
Channel 2 BUSYB output
BUSY1
Channel 1 BUSYB output
BUSY0
Channel 0 BUSYB output
NCR3
Channel 3 NCR output
NCR2
Channel 2 NCR output
NCR1
Channel 1 NCR output
NCR0
Channel 0 NCR output
If the ERR bit is set to ”1”, the following status will be read:
Output bit
D7
D6
D5
D4
D3
D2
D1
D0
Output data
0
0
0
0
0
TSDERR
BLDERR
WCMERR
When the ERR bit = ”1”, the status of each fail-safe function is read.
If any of the following three fail-safe
functions is activated, the ERR pin is set to a “H” level and the corresponding error bit is set to “1”.
If the ERR
pinis set to a “H” level, check the error contents using the RDSTAT command and take appropriate measures.
Error signal
Error contents
TSDERR
High temperature error bit.
This bit is set to “1” if the temperature of the LSI reaches or exceeds the temperature set by the
SAFE command. For details see the section on the SAFE command.
BLDERR
Power supply voltage error bit.
This bit is set to “1” if the power supply voltage level reaches or falls below the voltage set by
the SAFE command. For details see the section on the SAFE command.
WCMERR
Command tansfer errro bit.
This bit is set to “1” if a transfer error occurs in two-time command input mode.
47/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com