Electronic Components Datasheet Search
  English  ▼

X  

ML22Q563 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
9. STOP command
command
0
1
1
0
CH3
CH2
CH1
CH0
The STOP command is used to stop playback.
It can be set for each channel.
Setting any bit(s) from CH0 to
CH3 to “1” stops playback on the corresponding channel(s).
If the speech synthesis processing for all channels
stops, the AOUT output goes to the VSG level and the NCR and BUSYB signals go to a “H” level.
Although it is possible to input the STOP command regardless of the status of NCR during playback, a
prescribed command interval time needs taking.
CSB
Status
Awaiting
SCK
SI
NCR
BUSYB
SPM
1/2VDD
SPP
1/2VDD
Playing
STOPcommand
Co mmand is be ing
pro cesse d
CBUSYB
(internal)
(internal)
fs×29cycle
Channel settings
Channel
CH0
Setting this bit to “1” stops playback on channel 0.
CH1
Setting this bit to “1” stops playback on channel 1.
CH2
Setting this bit to “1” stops playback on channel 2.
CH3
Setting this bit to “1” stops playback on channel 3.
Be sure to set the channel setting bits( CH0-CH3).
The STOP command allows specifying multiple channels at one time.
41/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com