Electronic Components Datasheet Search
  English  ▼

X  

ML22Q563 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
PIN DESCRIPTION (2)
Pin
Symbol
I/O Attribute
Description
Attribute
Initial
value
(*1)
14
CBUSYB
O Negative
Command processing status signal output pin.
This pin outputs a “L” level during command processing.
Be sure to enter commands with the CBUSYB pin driven
at a “H” level.
digital
0
(*1)
16
XTB
O Negative
Connects to a crystal or a ceramic resonator.
When using an external clock, leave this pin open.
If a crystal or a ceramic resonator is used, connect it as
close to the LSI as possible.
clk
1
17
XT
I
Positive
Connects to a crystal or a ceramic resonator.
A feedback resistor of around 1 M
Ω is built in between this
XT pin and the XTB pin. When using an external clock,
input the clock from this pin.
If a crystal or a ceramic resonator is used, connect it as
close to the LSI as possible.
clk
0
19*
2
VPP
I
—
Pin for FLASH analysis.
Should be connected to DGND.
analog
0
20
RESETB
I
Negative
Reset input pin.
At “L” level input, the LSI enters the initial state. After a
reset input, the entire circuit is stopped and enters a
power down state. Upon power-on, input a “L” level to
this pin. After the power supply voltage is stabilized,
drive this pin at a “H” level.
This pin has a pull-up resistor built in.
digital
0
(*1)
21
TESTI0
(MODE)
I
Positive
Input pin for testing. Also acts as a Flash rewrite enable
pin.
Has a pull-down resistor built in.
digital
0
22
TESTI1
(nTRST)
I
Negative
Used as either an input pin for testing or a reset input pin
for Flash rewriting. Has a pull-down resistor built in.
digital
0
23*
2
TESTI2
(TMS)
I
Positive
Used as either an input pin for testing or a state transition
pin for Flash rewriting. Has a pull-up resistor built in.
digital
1
24*
2
TESTI3
(TDI)
I
Positive
Used as either an input pin for testing or a data input pin
for Flash rewriting. Has a pull-up resistor built in.
digital
1
25*
2
TESTI4
(TCK)
I
Positive
Used as either an input pin for testing or a clock input pin
for Flash rewriting. Has a pull-up resistor built in.
digital
0
26*
2
TESTO
(TSO)
O
Positive
Used as either an output pin for testing or a data output
pin for Flash rewriting.
digital
Hi-Z
27
SPM
O
—
Output pin of the built-in speaker amplifier.
analog
Hi-Z
28
SPP
O
—
Output pin of the built-in speaker amplifier.
Can be configured as an AOUT amplifier output by
command setting.
analog
0
29
SPGND
—
—
Speaker amplifier ground pin.
gnd
—
30
SPVDD
—
—
Speaker amplifier power supply pin.
Connect a bypass capacitor of 10
μF or more between this
pin and SPGND.
power
—
*1: Indicates the initial value at reset input or during power down.
*2: These are NC pins in the ML22573/ML22572.
6/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com