Electronic Components Datasheet Search
  English  ▼

X  

ML22Q563 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 56Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 57Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 58Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 59Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 60Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 61Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 62Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 63Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
APPLICATION CIRCUIT
At using internal speaker amplifier (speaker output)
( VDDR is only ML22Q573 )
SPM
SPP
SG
AIN
VPP
RESETB
CSB
SCK
SI
SO
CBUSYB
ERR
STATUS
DIPH
TESTI1
XT
XTB
MCU
4.096MHz
15pF
15pF
speaker
VDDL
VDDR
DVDD
SPVDD
DGND
SPGND
10μF
5V
0.1
μF
0.1μF
0.1μF
0.1
μF
10μF
10μF
10μF
At using external speaker amplifier (line output)
( VDDR is only ML22Q573 )
SPM
SPP
SG
AIN
VPP
RESETB
CSB
SCK
SI
SO
CBUSYB
ERR
STATUS
DIPH
TESTI1
XT
XTB
MCU
4.096MHz
15pF
15pF
speaker
0.1
μF
SP-AMP
VDDL
VDDR
DVDD
SPVDD
DGND
SPGND
10μF
5V
0.1
μF
0.1μF
0.1μF
0.1
μF
10μF
10μF
10μF
60/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com