Electronic Components Datasheet Search
  English  ▼

X  

ML22Q563 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
When the PLAY command is input, the address control over phrase 1 ends, the phrase playback starts, and the
CBUSYB and NCR signals go to a “H” level.
Input the MUON command after this CBUSYB signal changes
to a “H” level.
After the MUON command input, the NCR signal remains “L” until the end of phrase 1
playback, and the device enters a state waiting for the phrase 1 playback to terminate.
When the phrase 1 playback is terminated, the silence playback starts and the NCR signal goes to a “H” level.
After the NCR signal has gone to a “H” level, re-input the PLAY command in order to play phrase 1.
After the PLAY command input, the NCR signal once again goes to a “L” level and the device enters a state
waiting for the termination of silence playback.
When the silence playback is terminated and then the phrase 1 playback starts, the NCR signal goes “H”, and the
device enters a state where it is possible to input the next PLAY or MUON command.
The BUSYB signal remains “L” until the end of a series of playback.
43/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com