Electronic Components Datasheet Search
  English  ▼

X  

ML22Q563 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
When powering up the speaker amplifier and line amplifier (without pop noise suppression)
Setting values: POP bit = “0”, DAEN and SPEN bits = “0”
→ “1”
VOH
VOL
CSB
Status
Command is being
processed
Awaiting command
SCK
SI
NCR
BUSYB
Awai ting command
VOH
VOL
Command is being
processed
Awaiting command
AMODE command
1st byte
AMODE command
2nd byte
LINE output
GND
SPM
GND
1/2SPVDD
SPP
Hi-Z
1/2SPVDD
VOH
VOL
CBUSYB
tCB1
tPUPA1
(internal)
(internal)
(internal)
When powering up the line amplifier (with pop noise suppression)
Setting values: POP bit = “1”, DAEN bit = “0”
→ “1” (SPEN bit = “0”)
VOH
VOL
CSB
SCK
SI
NCR
BUSYB VOH
VOL
AMODE command
1st byte
AMODE command
2nd byte
SPP
VOH
VOL
CBUSYB
tCB1
tPUPA2
GND
1V
(internal)
(internal)
(LINE output)
Status
Command is being
processed
Awaiting command
Awaiting command
Awaiting command
Command is being
processed
PO P noise suppressed
31/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com