Electronic Components Datasheet Search
  English  ▼

X  

AT86RF233 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT86RF233 Datasheet HTML 1Page - ATMEL Corporation AT86RF233 Datasheet HTML 2Page - ATMEL Corporation AT86RF233 Datasheet HTML 3Page - ATMEL Corporation AT86RF233 Datasheet HTML 4Page - ATMEL Corporation AT86RF233 Datasheet HTML 5Page - ATMEL Corporation AT86RF233 Datasheet HTML 6Page - ATMEL Corporation AT86RF233 Datasheet HTML 7Page - ATMEL Corporation AT86RF233 Datasheet HTML 8Page - ATMEL Corporation AT86RF233 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 225 page
background image
AT86RF233
Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
802.15.4, 6LoWPAN, and ISM Applications
PRELIMINARY DATASHEET
Features
•
High Performance RF-CMOS 2.4GHz radio transceiver targeted for IEEE® 802.15.4,
ZigBee®, RF4CE, 6LoWPAN, and ISM applications
•
Industry leading link budget:
•
Receiver sensitivity -101dBm
•
Programmable TX output power from -17dBm up to +4dBm
•
Ultra-low current consumption:
•
DEEP_SLEEP
= 0.02µA
•
TRX_OFF
= 300µA
•
RX_ON
= 11.8mA
(LISTEN)
•
Smart Receiving Techniques enable further current reduction in LISTEN mode
between 10 to 50% from 11.8mA
•
Desensitation will enable further reduction up to 1mA
•
BUSY_TX
= 13.8mA
(at max. transmit power)
•
Ultra-low supply voltage (1.8V to 3.6V) with internal regulator
•
Support for coin cell operation
•
Optimized for low BoM Cost and ease of production:
•
Few external components necessary (crystal, capacitors and antenna)
•
Easy to use interface:
•
Registers, frame buffer, and AES accessible through fast SPI
•
Only two microcontroller GPIO lines necessary
•
One interrupt pin from radio transceiver
•
Clock output with prescaler from radio transceiver
•
Radio transceiver features:
•
128-byte FIFO (SRAM) for data buffering
•
Fully integrated, fast settling PLL to support Frequency Hopping
•
Supports 500kHz channel spacing
•
Battery monitor and Fast Wake-Up Time < 0.4msec
•
Special IEEE 802.15.4™ 2011 hardware support:
•
FCS computation and Clear Channel Assessment
•
RSSI measurement, Energy Detection and Link Quality Indication
•
MAC hardware accelerator:
•
Automated acknowledgement, CSMA-CA and retransmission
•
Automatic address filtering
•
Automated FCS check
•
Extended feature set hardware support:
•
AES 128-bit hardware accelerator
•
Antenna Diversity and RX/TX indication
•
Supported PSDU data rates: 250kb/s, 500kb/s, 1000kb/s and 2000kb/s
•
True Random Number Generation for security application
•
Reduced Power Consumption modes
•
Time and phase measurement support
•
Industrial and extended temperature range:
•
-40°C to +85°C and -40°C to +125°C
•
I/O and packages:
•
32-pin Low-Profile QFN Package 5 x 5 x 0.9mm³
•
RoHS/Fully Green
•
Compliant to EN 300 328/440, FCC-CFR-47 Part 15, ARIB STD-66, RSS-210
• Compliant to IEEE 802.15.4 2003/2006/2011
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014


Similar Part No. - AT86RF233

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF233 ATMEL-AT86RF233 Datasheet
5Mb / 196P
Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
AT86RF233-ZU ATMEL-AT86RF233-ZU Datasheet
5Mb / 196P
Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
AT86RF233-ZUR ATMEL-AT86RF233-ZUR Datasheet
5Mb / 196P
Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
More results

Similar Description - AT86RF233

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
Low Power 2.4 GHz Transceiver for ZigBee
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
ATMEL Corporation
ATMEGA128RFA1 ATMEL-ATMEGA128RFA1 Datasheet
250Kb / 13P
8-bit Microcontroller with Low Power 2.4GHz Transceiver for ZigBee and IEEE 02.15.4
ATMEGA128RFA1 ATMEL-ATMEGA128RFA1_11 Datasheet
5Mb / 560P
8-bit Microcontroller with Low Power 2.4GHz Transceiver for ZigBee and IEEE 802.15.4
MCU Wireless-08/11
AT86RF233 ATMEL-AT86RF233 Datasheet
5Mb / 196P
Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
ATMEGA128RFA1 ATMEL-ATMEGA128RFA1_12 Datasheet
5Mb / 568P
Microcontroller with Low Power 2.4GHz Transceiver for ZigBee and IEEE 802.15.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com