Electronic Components Datasheet Search
  English  ▼

X  

AT86RF233 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 25Page - ATMEL Corporation AT86RF233 Datasheet HTML 26Page - ATMEL Corporation AT86RF233 Datasheet HTML 27Page - ATMEL Corporation AT86RF233 Datasheet HTML 28Page - ATMEL Corporation AT86RF233 Datasheet HTML 29Page - ATMEL Corporation AT86RF233 Datasheet HTML 30Page - ATMEL Corporation AT86RF233 Datasheet HTML 31Page - ATMEL Corporation AT86RF233 Datasheet HTML 32Page - ATMEL Corporation AT86RF233 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 225 page
background image
MCU Wireless AT86RF233 [PRELIMINARY DATASHEET]
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014
29
6.6 Sleep/Wake-up and Transmit Signal (SLP_TR)
Pin 11 (SLP_TR) is a multi-functional pin. Its function relates to the current state of the
Atmel AT86RF233 and is summarized in Table 6-9. The radio transceiver states are
explained in detail in Chapter 7.
Table 6-9. SLP_TR Multi-functional Pin.
Transceiver Status
Function
Transition Description
PLL_ON
TX start
L  H
Starts frame transmission
TX_ARET_ON
TX start
L  H
Starts TX_ARET transaction
BUSY_RX_AACK
TX start
L  H
Starts ACK transmission during RX_AACK slotted operation, see
Section 7.2.3.4
TRX_OFF
Sleep
L  H
Takes the radio transceiver into SLEEP state, CLKM disabled
PREP_DEEP_SLEEP
Deep Sleep
L  H
Takes the radio transceiver into DEEP_SLEEP state, CLKM disabled
SLEEP
Wakeup
H  L
Takes the radio transceiver back into TRX_OFF state, level sensitive
DEEP_SLEEP
Wakeup
H  L
Takes the radio transceiver back into TRX_OFF state, level sensitive
In states PLL_ON and TX_ARET_ON, pin 11 (SLP_TR) is used as trigger input to
initiate a TX transaction. Here SLP_TR is sensitive on rising edge only.
After initiating a state change by a rising edge at pin 11 (SLP_TR) in radio transceiver
states TRX_OFF or PREP_DEEP_SLEEP, the radio transceiver remains in the new
state as long as the pin is logical high and returns to the preceding state with the falling
edge.
SLEEP state
The SLEEP state is used when radio transceiver functionality is not required, and thus
the AT86RF233 can be powered down to reduce the overall power consumption.
A power-down scenario is shown in Figure 6-20. When the radio transceiver is in
TRX_OFF state the microcontroller forces the AT86RF233 to SLEEP by setting
SLP_TR = H. If pin 17 (CLKM) provides a clock to the microcontroller this clock is
switched off after 35 CLKM cycles. This enables a microcontroller in a synchronous
system to complete its power-down routine and prevent deadlock situations. The
AT86RF233 awakes when the microcontroller releases pin 11 (SLP_TR). This concept
provides the lowest possible power consumption.
The CLKM clock frequency settings for 250kHz and 62.5kHz are not intended to directly
clock the microcontroller. When using these clock rates, CLKM is turned off immediately
when entering SLEEP state.
Figure 6-20. Sleep and Wake-up Initiated by Asynchronous Microcontroller Timer.
CLKM
SLP_TR
tTR3 (35 CLKM clock cycles)
CLKM off
tTR1a
async timer elapses
(microcontroller)
Note:
1. Timing figures tTR3 and tTR1a refer to Table 7-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com