Electronic Components Datasheet Search
  English  ▼

X  

AT86RF233 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 32Page - ATMEL Corporation AT86RF233 Datasheet HTML 33Page - ATMEL Corporation AT86RF233 Datasheet HTML 34Page - ATMEL Corporation AT86RF233 Datasheet HTML 35Page - ATMEL Corporation AT86RF233 Datasheet HTML 36Page - ATMEL Corporation AT86RF233 Datasheet HTML 37Page - ATMEL Corporation AT86RF233 Datasheet HTML 38Page - ATMEL Corporation AT86RF233 Datasheet HTML 39Page - ATMEL Corporation AT86RF233 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 225 page
background image
MCU Wireless AT86RF233 [PRELIMINARY DATASHEET]
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014
36
7 Operating Modes
7.1 Basic Operating Mode
This section summarizes all states to provide the basic functionality of
Atmel AT86RF233, such as receiving and transmitting frames, the power-on sequence,
sleep, and deep sleep. The Basic Operating Mode is designed for IEEE 802.15.4 and
general ISM band applications; the corresponding radio transceiver states are shown in
Figure 7-1.
Figure 7-1. Basic Operating Mode State Diagram (for timing refer to Table 7-1).
RX_ON
PLL_ON
TRX_OFF
(Clock State)
XOSC=ON
Pull=OFF
(all states except P_ON)
FORCE_TRX_OFF
(all states except SLEEP or
DEEP_SLEEP)
SHR
Detected
Frame
End
Frame
End
BUSY_TX
(Transmit State)
PLL_ON
(PLL State)
TX_START
or
4
5
7
6
8
9
11
10
12
13
/RST = H
FORCE_PLL_ON
(all states except DEEP_SLEEP,
SLEEP, or P_ON)
14
SLP_TR = H
Legend:
Blue: SPI Write to Register TRX_STATE (0x02)
Red:
Control signals via IC Pin
Green: Event
Basic Operating Mode States
State transition number, see Table 7-1
for timing
RX_ON
(Rx Listen State)
BUSY_RX
(Receive State)
RESET
X
(from all states)
/RST = L
2
TRX
_OFF
3
P_ON
(Power-on after VDD)
XOSC=ON
Pull=ON
SLEEP
(Sleep State)
XOSC=OFF
Pull=OFF
DEEP_SLEEP
(Sleep State)
XOSC=OFF
Pull=ON
SLP_TR=H
XOSC=ON
Pull=OFF
PREP_
DEEP_SLEEP
(Prepare Sleep State)
SLP
_TR
=L
15
16
17
18
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com