Electronic Components Datasheet Search
  English  ▼

X  

AT86RF233 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 42Page - ATMEL Corporation AT86RF233 Datasheet HTML 43Page - ATMEL Corporation AT86RF233 Datasheet HTML 44Page - ATMEL Corporation AT86RF233 Datasheet HTML 45Page - ATMEL Corporation AT86RF233 Datasheet HTML 46Page - ATMEL Corporation AT86RF233 Datasheet HTML 47Page - ATMEL Corporation AT86RF233 Datasheet HTML 48Page - ATMEL Corporation AT86RF233 Datasheet HTML 49Page - ATMEL Corporation AT86RF233 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 225 page
background image
MCU Wireless AT86RF233 [PRELIMINARY DATASHEET]
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014
46
7.1.4.7 State Transition Timing Summary
The Atmel AT86RF233 transition numbers correspond to Figure 7-1 and do not include
SPI access time unless otherwise stated. See measurement setup in Figure 5-1.
Table 7-1. State Transition Timing.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tTR1
P_ON⇒CLKM is available
Depends on crystal oscillator
setup (CL= 10pF) and external
capacitor at DVDD (100nF nom.).
330
1000
µs
tTR1a
SLEEP⇒CLKM is available
Depends on crystal oscillator
setup (CL= 10pF) and external
capacitor at DVDD (100nF nom.).
180
1000
µs
tTR1b
DEEP_SLEEP⇒CLKM is available
Depends on crystal oscillator
setup (CL= 10pF) and external
capacitor at DVDD (100nF nom.).
330
1000
µs
tTR2
SLEEP⇒TRX_OFF
Depends on crystal oscillator
setup (CL= 10pF) and external
capacitor at DVDD (100nF nom.).
210
1000
µs
tTR3
TRX_OFF⇒SLEEP
For fCLKM > 250kHz.
35
CLKM
cycles
Otherwise.
0
CLKM
cycles
tTR4
TRX_OFF⇒PLL_ON
Depends on external capacitor at
AVDD (100nF nom.).
80
µs
tTR5
PLL_ON⇒TRX_OFF
1
µs
tTR6
TRX_OFF⇒RX_ON
Depends on external capacitor at
AVDD (100nF nom.).
80
µs
tTR7
RX_ON⇒TRX_OFF
1
µs
tTR8
PLL_ON⇒RX_ON
1
µs
tTR9
RX_ON⇒PLL_ON
Transition time is also valid for
TX_ARET_ON, RX_AACK_ON.
1
µs
tTR10
PLL_ON⇒BUSY_TX
When asserting pin 11 (SLP_TR)
or TRX_CMD = TX_START first
symbol transmission is delayed by
one symbol period (PLL settling
and PA ramp-up).
16
µs
tTR11
BUSY_TX⇒PLL_ON
PLL settling time.
32
µs
tTR12
Various states⇒TRX_OFF
Using TRX_CMD =
FORCE_TRX_OFF; not valid for
SLEEP or DEEP_SLEEP.
1
µs
tTR13
RESET⇒TRX_OFF
Not valid for P_ON, SLEEP, or
DEEP_SLEEP.
26
µs
tTR14
Various states⇒PLL_ON
Using TRX_CMD =
FORCE_PLL_ON; not valid for
P_ON, SLEEP, DEEP_SLEEP, or
RESET.
1
µs
tTR15
P_ON⇒TRX_OFF
Using TRX_CMD = TRX_OFF
directly after CLKM is available.
360
1000
µs
tTR16
PREP_DEEP_SLEEP⇒TRX_OFF
1
µs
tTR17
TRX_OFF⇒PREP_DEEP_SLEEP
1
µs
tTR18
DEEP_SLEEP⇒TRX_OFF
Depends on crystal oscillator
setup (CL= 10pF) and external
capacitor at DVDD (100nF nom.).
360
1000
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com