Electronic Components Datasheet Search
  English  ▼

X  

AT86RF233 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 45Page - ATMEL Corporation AT86RF233 Datasheet HTML 46Page - ATMEL Corporation AT86RF233 Datasheet HTML 47Page - ATMEL Corporation AT86RF233 Datasheet HTML 48Page - ATMEL Corporation AT86RF233 Datasheet HTML 49Page - ATMEL Corporation AT86RF233 Datasheet HTML 50Page - ATMEL Corporation AT86RF233 Datasheet HTML 51Page - ATMEL Corporation AT86RF233 Datasheet HTML 52Page - ATMEL Corporation AT86RF233 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 225 page
background image
MCU Wireless AT86RF233 [PRELIMINARY DATASHEET]
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014
49
If the requested state transition has not been completed, the TRX_STATUS returns
STATE_TRANSITION_IN_PROGRESS value. Do not try to initiate a further state
change while the radio transceiver is in STATE_TRANSITION_IN_PROGRESS state.
State transition timings are defined in Table 7-1.
Register 0x02 (TRX_STATE):
The radio transceiver states are advanced via register TRX_STATE by writing a
command word into register bits TRX_CMD. The read-only register bits
TRAC_STATUS indicate the status or result of an Extended Operating Mode
transaction.
Figure 7-10. Register TRX_STATE.
Bit
7
6
5
4
0x02
TRAC_STATUS
TRX_CMD
TRX_STATE
Read/Write
R
R
R
R/W
Reset value
0
0
0
0
Bit
3
2
1
0
0x02
TRX_CMD
TRX_STATE
Read/Write
R/W
R/W
R/W
R/W
Reset value
0
0
0
0
•
Bit 4:0 - TRX_CMD
A write access to register bits TRX_CMD initiate a radio transceiver state transition to
the new state.
Table 7-4. TRX_CMD.
Register Bits
Value
Description
TRX_CMD
0x00(1) NOP
0x02(2) TX_START
0x03
FORCE_TRX_OFF
0x04(3) FORCE_PLL_ON
0x06
RX_ON
0x08
TRX_OFF (CLK Mode)
0x09
PLL_ON (TX_ON)
0x10
PREP_DEEP_SLEEP
0x16(4) RX_AACK_ON
0x19(4) TX_ARET_ON
All other values are reserved
Notes: 1.
TRX_CMD = “0” after power on reset (POR).
2.
The frame transmission starts one symbol after TX_START command.
3.
FORCE_PLL_ON is not valid for states P_ON, SLEEP, DEEP_SLEEP, and
RESET, as well as STATE_TRANSITION_IN_PROGRESS towards these states.
4.
Extended Operating Mode only.
A write access to register bits TRX_CMD initiates a radio transceiver state transition
towards the new state.
These register bits are used for Basic and Extended Operating Mode, see Section 7.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com