Electronic Components Datasheet Search
  English  ▼

X  

AT86RF233 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 40Page - ATMEL Corporation AT86RF233 Datasheet HTML 41Page - ATMEL Corporation AT86RF233 Datasheet HTML 42Page - ATMEL Corporation AT86RF233 Datasheet HTML 43Page - ATMEL Corporation AT86RF233 Datasheet HTML 44Page - ATMEL Corporation AT86RF233 Datasheet HTML 45Page - ATMEL Corporation AT86RF233 Datasheet HTML 46Page - ATMEL Corporation AT86RF233 Datasheet HTML 47Page - ATMEL Corporation AT86RF233 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 225 page
background image
MCU Wireless AT86RF233 [PRELIMINARY DATASHEET]
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014
44
7.1.4.5 BUSY_TX to RX_ON States
The transition from PLL_ON to BUSY_TX state and subsequently to RX_ON state is
shown in Figure 7-7.
Figure 7-7. PLL_ON to BUSY_TX to RX_ON Timing.
Time [µs]
0
x
16
x + 32
Time
tTR11
tTR10
Command
RX_ON
State
Block
PLL_ON
RX_ON
BUSY_TX
Pin
SLP_TR
PA
PLL
PA, TX
RX
PLL
or command TX_START
Starting from PLL_ON state, it is further assumed that the PLL has already been
locked. A transmission is initiated either by a rising edge of pin 11 (SLP_TR) or by
command TX_START. The PLL settles to the transmit frequency and the PA is
enabled. After the duration of tTR10 = 16µs, the Atmel AT86RF233 changes into
BUSY_TX state, transmitting the internally generated SHR and the PSDU data of the
Frame
Buffer.
After
completing
the
frame
transmission,
indicated
by
IRQ_3 (TRX_END), the PLL settles back to the receive frequency within tTR11 = 32µs
and returns to state PLL_ON.
If during BUSY_TX the radio transmitter is requested to change to a receive state, it
automatically proceeds to state RX_ON upon completion of the transmission.
7.1.4.6 Reset Procedure
The radio transceiver reset procedure is shown in Figure 7-8.
Figure 7-8. Reset Procedure.
x
Event
State
Block
Time [μs]
Pin /RST
TRX_OFF
x + 30
[IRQ_4 (AWAKE_END)]
0
various
Time
>t10
tTR13
>t11
XOSC, DVREG
XOSC, DVREG
x + 10
FTN
Note:
1. Timing figure tTR13 refers to Table 7-1, t10, t11 refers to Section 12.4.
/RST = L sets all registers to their default values. Exceptions are register bits
CLKM_CTRL (register 0x03, TRX_CTRL_0), refer to Section 9.6.4. After releasing the
reset pin 8 (/RST) = H, the wake-up sequence including an FTN calibration cycle is
performed, refer to Section 9.8. After that the TRX_OFF state is entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com