Electronic Components Datasheet Search
  English  ▼

X  

AT86RF233 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 30Page - ATMEL Corporation AT86RF233 Datasheet HTML 31Page - ATMEL Corporation AT86RF233 Datasheet HTML 32Page - ATMEL Corporation AT86RF233 Datasheet HTML 33Page - ATMEL Corporation AT86RF233 Datasheet HTML 34Page - ATMEL Corporation AT86RF233 Datasheet HTML 35Page - ATMEL Corporation AT86RF233 Datasheet HTML 36Page - ATMEL Corporation AT86RF233 Datasheet HTML 37Page - ATMEL Corporation AT86RF233 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 225 page
background image
MCU Wireless AT86RF233 [PRELIMINARY DATASHEET]
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014
34
By reading the register after an interrupt is signaled at pin 24 (IRQ) the source of the
issued interrupt can be identified. A read access to this register resets all interrupt bits,
and so clears the IRQ_STATUS register.
Notes:
1. If register bit IRQ_MASK_MODE (register 0x04, TRX_CTRL_1) is set, an
interrupt event can be read from IRQ_STATUS register even if the interrupt
itself is masked; refer to Figure 6-22. However in that case no timing information
for this interrupt is provided.
2. If register bit IRQ_MASK_MODE (register 0x04, TRX_CTRL_1) is set, it is
recommended to read the interrupt status register 0x0F (IRQ_STATUS) first to
clear the history.
Register 0x04 (TRX_CTRL_1):
The TRX_CTRL_1 register is a multi-purpose register to control various operating
modes and settings of the radio transceiver.
Figure 6-25. Register TRX_CTRL_1.
Bit
7
6
5
4
0x04
PA_EXT_EN
IRQ_2_EXT_EN
TX_AUTO_CRC_
ON
RX_BL_CTRL
TRX_CTRL_1
Read/Write
R/W
R/W
R/W
R/W
Reset value
0
0
1
0
Bit
3
2
1
0
0x04
SPI_CMD_MODE
IRQ_MASK_MODE
IRQ_POLARITY
TRX_CTRL_1
Read/Write
R/W
R/W
R/W
R/W
Reset value
0
0
1
0
•
Bit 6 - IRQ_2_EXT_EN
The register bit IRQ_2_EXT_EN controls external signaling for time stamping via pin 10
(DIG2).
Table 6-13. IRQ_2_EXT_EN.
Register Bits
Value
Description
IRQ_2_EXT_EN
0
Time stamping over pin 10 (DIG2) is disabled
1(1)
Time stamping over pin 10 (DIG2) is enabled
Notes: 1.
The pin 10 (DIG2) is also active if the corresponding interrupt event IRQ_2
(RX_START) mask bit in register 0x0E (IRQ_MASK) is set to zero.
2.
The pin remains at high level until the end of the frame receive or transmit
procedure.
The timing of a received frame can be determined by a separate pin 10 (DIG2). If
register bit IRQ_2_EXT_EN is set to one, the reception of a PHR field is directly issued
on pin 10 (DIG2), similar to interrupt IRQ_2 (RX_START).
For further details refer to Section 11.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com