Electronic Components Datasheet Search
  English  ▼

X  

AT86RF233 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 21Page - ATMEL Corporation AT86RF233 Datasheet HTML 22Page - ATMEL Corporation AT86RF233 Datasheet HTML 23Page - ATMEL Corporation AT86RF233 Datasheet HTML 24Page - ATMEL Corporation AT86RF233 Datasheet HTML 25Page - ATMEL Corporation AT86RF233 Datasheet HTML 26Page - ATMEL Corporation AT86RF233 Datasheet HTML 27Page - ATMEL Corporation AT86RF233 Datasheet HTML 28Page - ATMEL Corporation AT86RF233 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 225 page
background image
MCU Wireless AT86RF233 [PRELIMINARY DATASHEET]
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014
25
Figure 6-12. Packet Structure – SRAM Write Access.
0
reserved[4:0]
1
MOSI
PHY_STATUS
MISO
byte 1 (command byte)
0
ADDRESS[7:0]
XX
byte 2 (address)
DATA[7:0]
XX
byte 3 (data byte)
DATA[7:0]
XX
byte n-1 (data byte)
DATA[7:0]
XX
byte n (data byte)
As long as /SEL = L, every subsequent byte read or byte write increments the address
counter of the Frame Buffer until the SRAM access is terminated by /SEL = H.
Figure 6-13 and Figure 6-14 illustrate an example SPI sequence of an
Atmel AT86RF233 SRAM access to read and write a data package of five byte length,
respectively.
Figure 6-13. Example SPI Sequence – SRAM Read Access of a 5-byte Data Package.
COMMAND
ADDRESS
XX
XX
XX
XX
PHY_STATUS
XX
DATA 2
DATA 1
DATA 4
DATA 3
XX
DATA 5
SCLK
MOSI
MISO
/SEL
Figure 6-14. Example SPI Sequence – SRAM Write Access of a 5-byte Data Package.
COMMAND
ADDRESS
DATA 1
DATA 2
DATA 3
DATA 4
PHY_STATUS
XX
XX
XX
XX
XX
DATA 5
XX
SCLK
MOSI
MISO
/SEL
Notes:
1. The SRAM access mode is not intended to be used as an alternative to the
Frame Buffer access modes (see Section 6.3.2).
2. Frame Buffer access violations are not indicated by a TRX_UR interrupt when
using the SRAM access mode, for further details refer to Section 9.3.3.
6.4 Radio Transceiver Status information
Each Atmel AT86RF233 SPI access can return radio transceiver status information which
is a first byte transmitted out of MISO output as the serial data is being shifted into MOSI
input. Radio transceiver status information (PHY_STATUS) can be configured using
register bits SPI_CMD_MODE (register 0x04, TRX_CTRL_1) to return TRX_STATUS,
PHY_RSSI or IRQ_STATUS register as shown in below.
6.4.1 Register Description
Note:
1. Throughout this datasheet, underlined values indicate reset settings.
Register 0x04 (TRX_CTRL_1):
The TRX_CTRL_1 register is a multi-purpose register to control various operating
modes and settings of the radio transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com