Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # GMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 10Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 11Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 12Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 13Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 14Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 15Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 16Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 17Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
GMS81C1102 / GMS81C1202
Jan. 2002 ver 2.0
11
10.3 DC Electrical Characteristics - GMS81C1102, GMS81C1202
• (VDD=4.5~6.0V, VSS=0V, fXIN =1MHz~8MHz, TA=-20°
°°°C~+85°°°°C)
Parameter
Symbol
Pin1
1.
RC0, RC1, RB1 and RB3 pins are applied for GMS81C1202 only.
Test Condition
Specification
Unit
Min
Typ2
2.
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Max
Input High Voltage
VIH1
XIN, RESET
VDD=4.5~6.0V
0.8VDD
VDD
V
VIH2
RB2, RB3
0.8VDD
VDD
VIH3
RA,RB0,RB1,RB4,RC
0.7VDD
VDD
Input Low Voltage
VIL1
XIN, RESET
VDD=4.5~6.0V
0
0.2VDD
V
VIL2
RB2, RB3
0
0.2VDD
VIL3
RA,RB0,RB1,RB4,RC
0
0.3VDD
Output High Voltage
VOH
RA, RB, RC
VDD = 5V, IOH = -2mA
VDD-1
V
Output Low Voltage
VOL
RA, RB, RC
VDD = 5V, IOL= 10mA
1V
Input
Leakage Current
IIL
RESET,RA,RB,RC
VIN = VSS~VDD
±5
uA
IIL
XIN
±20
Input Pull-up Current
IPU
RB2, RB33
3.
This parameter is valid when the bit PUPSELx is selected and set the Input mode or Interrupt Input Function.
VDD = 5V, VIN = VSS
-350
-280
-200
uA
Power Fail Detect Voltage
VPFD
VDD
23.5
4
V
Normal Operating Current
IDD
VDD
VDD=6.0V, fXIN=8MHz
46
mA
Wake-up Timer Mode
Current
IWKUP
VDD
VDD=6.0V, fXIN=8MHz
12
mA
RC-oscillated Watchdog
Timer Mode Current
IRCWDT
VDD
VDD = 6.0V,
fXIN = 8MHz
0.6
0.8
mA
STOP Mode Current
ISTOP
VDD
VDD = 6.0V
0.5
2
uA
Hysteresis
VT+
~ VT-
RESET, RB2, RB3
0.5
V
Internal RC Oscillation
Period ( RC-WDT CLK )
TRCWDT XOUT
VDD = 5V,
fXIN = 8MHz
100
200
uS
RC Oscillation Frequency
( System CLK )
fRCOSC4
4.
This parameter is measured in XOUT pin, and measured frequency is must be 4times to be internal system clock because of this
XOUT signal is divided by 4 of system clock.
XOUT
R = 15K
Ω, C=30pF
400
600
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com