Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 51 Page - Hynix Semiconductor

Part # GMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 51 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 47Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 48Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 49Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 50Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 51Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 52Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 53Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 54Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 55Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
GMS81C1102 / GMS81C1202
48
Jan. 2002 ver 2.0
This timer interrupt in capture mode is very useful when
the pulse width of captured signal is more wider than the
maximum period of Timer.
For example, in Figure 16-8 , the pulse width of captured
signal is wider than the timer data value (FFH) over 2
times. When external interrupt is occured, the captured
value (13H) is more little than wanted value. It can be ob-
tained correct value by counting the number of timer over-
flow occurence.
Timer/Counter still does the above, but with the added fea-
ture that a edge transition at external input INTx pin causes
the current value in the Timer x register (T0,T1), to be cap-
tured into registers CDRx (CDR0, CDR1), respectively.
After captured, Timer x register is cleared and restarts by
hardware.
It has three transition modes: "falling edge", "rising edge",
"both edge" which are selected by interrupt edge selection
register IEDS (Refer to External interrupt section). In ad-
dition, the transition at INTx pin generate an interrupt.
Note: The CDRx, TDRx and Tx are in same address. In
the capture mode, reading operation is read the
CDRx, not Tx because path is opened to the CDRx,
and TDRx is only for writing operation.
Figure 16-6 8-bit Capture Mode
÷ 1
÷ 2
÷ 8
TM0
ADDRESS : D0H
RESET VALUE : --000000
-
-
CAP0
T0CK2
T0CK1
T0CK0
T0CN
T0ST
TM1
ADDRESS : D2H
RESET VALUE : 00000000
POL
16BIT
PWME
CAP1
T1CK1
T1CK0
T1CN
T1ST
--
1
XXX
XX
X
00
1
XX
XX
÷ 2
÷ 4
÷ 128
÷ 512
÷ 8
÷ 32
fxin
EC0
Edge Detector
MUX
MUX
1
1
T0 ( 8-bit )
CDR0 ( 8-bit )
T0IF
CLEAR
COMPARATOR
TIMER 0
INTERRUPT
T0ST
0 : Stop
1 : Start
T0CN
T1CN
T0CK[2:0]
T1CK[1:0]
TDR0 ( 8-bit )
INT0IF
INT 0
INTERRUPT
INT0
T1 ( 8-bit )
CDR1 ( 8-bit )
T1IF
CLEAR
COMPARATOR
TIMER 1
INTERRUPT
TDR1 ( 8-bit )
INT1IF
INT 1
INTERRUPT
INT1
T0ST
0 : Stop
1 : Start
IEDS[1:0]
IEDS[3:2]
CAPTURE
CAPTURE
÷ 2048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com