Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 74 Page - Hynix Semiconductor

Part # GMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 74 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 70Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 71Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 72Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 73Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 74Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 75Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 76Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 77Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 78Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
GMS81C1102 / GMS81C1202
Jan. 2002 ver 2.0
71
24. OTP PROGRAMMING
The GMS87C1102/1202 is one-time PROM(OTP) microcontroller with 2K bytes electrically programmable read only mem-
ory for the GMS81C1102/1202 system evaluation, first production and fast mass production.
To programming the OTP device, user must use the universal programmer which is support Hynix Semiconductor.
24.1 Program Memory MAP
Program Memory consists of configuration area and user program memory area. The configuration memory area has two
parts (User ID & System Configuration Bits), the areas are shown below in Figure 24-1.
The Device Configuration Area can be programmed or left unprogrammed to select device configuration such as security bit.
Ten memory locations (0F50H ~ 0FE0H) are designated as Customer ID recording locations where the user can store check-
sum or other customer identification numbers.
This area is not accessible during normal execution but is readable and writable during program / verify.
Figure 24-1 Device Configuration Area
The Security Definition Method is explained below.
1) After writing “H” to code protect bit in Write & Verify Mode and getting out of Write & Verify Mode, user cannot read
out the program code. But if not getting out of Write & Verify Mode (maintaining Programming Power VPP = 12.75V), user
can verify Program code.
2) Regardless of Code protect, user can read out configuration Memory (User ID and Configuration Bits)
3) If user knows Security (Lock) state, user can read code protect bit in the System Configuration Bits.
DEVICE
0F50H
0F50H
0FF0H
0FF0H
ID
CONFIG
CONFIGURATION
AREA
0F60H
ID
0F70H
ID
0F80H
ID
0F90H
ID
0FA0H
ID
0FB0H
ID
0FC0H
ID
0FD0H
ID
0FE0H
ID
RC
Configuration Register
CONFIG
ADDRESS : 0FF0H
-
LOCK
----
-
0 : Allow Code Read Out
1 : Prohibit Code Read Out
SECURITY BIT
0 : Normal Oscillator
1 : External RC Oscillator
RC Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com