| Electronic Components Datasheet Search |
|
GMS87C1102 Datasheet(PDF) 34 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS87C1102 Datasheet(HTML) 34 Page - Hynix Semiconductor |
|
34 / 89 page ![]() GMS81C1102 / GMS81C1202 Jan. 2002 ver 2.0 31 12.3 Data Memory Figure 12-6 shows the internal Data Memory space avail- able. Data Memory is divided into two groups, a user RAM(including Stack) and control registers. Figure 12-6 Data Memory Map Internal Data Memory addresses are always one byte wide, which implies an address space of 128 bytes including the stack area. The stack pointer should be initialized within 00H to 7FH by software because its value is undefined after RESET. The Stack area is defined at the Data Memory area, so the stack should not be overlapped by manipulating RAM Da- ta. For example, we assumed the Stack pointer is 6F. If this address is accessed by program, the stack value is changed. So the malfunction is occurred. The control registers are used by CPU and Peripheral func- tions for controlling the desired operation of the device. Therefore these registers contain control and status bits for the interrupt system, the timer/ counters, analog to digital converters, I/O ports. The control registers are in address C0H to FFH. Note that unoccupied addresses may not be implemented on the chip. Read accesses to these addresses will in gen- eral return random data, and write accesses will have an in- determinate effect. More detail informations of each register are explained in each peripheral sections. Note: Write only registers can not be accessed by bit ma- nipulation instruction. Do not use read-modify-write instruction. Use byte manipulation instruction. Example; To write at CKCTLR LDM CKCTLR,#09H ;Divide ratio ÷16 Table 12-3 RESET Value of Control Registers Note: Several names are given at same address. Refer to below table. Table 12-4 Various Register Name in Same Adress DATA MEMORY CONTROL REGISTERS 00H 7FH C0H FFH (including STACK) Address Symbol R/W RESET Value C0H C1H C2H C3H C4H C5H CAH CBH CCH D0H D1H D1H D1H D2H D3H D3H D4H D4H D4H D5H DEH E2H E3H E4H E5H E6H EAH EBH ECH ECH EDH EFH RA RAIO RB RBIO RC RCIO RAFUNC RBFUNC PUPSEL TM0 T0 TDR0 CDR0 TM1 TDR1 T1PPR T1 CDR1 T1PDR PWMHR BUR IENH IENL IRQH IRQL IEDS ADCM ADCR BITR CKCTLR WDTR PFDR R/W W R/W W R/W W W W W R/W R W R R/W W W R R R/W W W R/W R/W R/W R/W R/W R/W R R W R/W R/W Undefined 0000_0000 Undefined ---0_0000 Undefined ----_--00 0000_0000 ---0_0000 ----_--00 --00_0000 0000_0000 1111_1111 0000_0000 0000_0000 1111_1111 1111_1111 0000_0000 0000_0000 0000_0000 ----_0000 1111_1111 0000_---- 000-_---- 0000_---- 000-_---- ----_0000 --00_0001 Undefined 0000_0000 -001_0111 0111_1111 ----_-100 Addr. When read When write Timer Mode Capture Mode PWM Mode Timer Mode PWM Mode D1H T0 CDR0 - TDR0 - D3H - TDR1 T1PPR D4H T1 CDR1 T1PDR - T1PDR ECH BITR CKCTLR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |