Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 70 Page - Hynix Semiconductor

Part # GMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 70 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 66Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 67Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 68Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 69Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 70Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 71Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 72Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 73Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 74Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
GMS81C1102 / GMS81C1202
Jan. 2002 ver 2.0
67
Figure 21-6 Internal RCWDT Mode Releasing by RESET.
Figure 21-7 Application Example of Unused Input Port
Figure 21-8 Application Example of Unused output Port
Oscillator
(XIN pin)
Internal
Clock
Internal
RC Clock
STOP Instruction Execution
Stabilization Time
tST = 64mS @4MHz
Internal
RESET by WDT
RESET
RESET
RCWDT Mode
Time can not be controlled by software
INPUT PIN
VDD
GND
i
VDD
X
Weak pull-up current flows
VDD
internal
pull-up
INPUT PIN
i
VDD
X
Very weak current flows
VDD
O
O
OPEN
OPEN
i=0
O
i=0
O
GND
When port is configured as an input, input level should
be closed to 0V or 5V to avoid power consumption.
OUTPUT PIN
GND
i
In the left case, much current flows from port to GND.
X
ON
OFF
OUTPUT PIN
GND
i
In the left case, Tr. base current flows from port to GND.
i=0
X
OFF
ON
VDD
L
ON
OFF
OPEN
GND
VDD
L
ON
OFF
To avoid power consumption, there should be low output
ON
OFF
O
O
VDD
O
to the port .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com