Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 28 Page - Hynix Semiconductor

Part # GMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 28 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 24Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 25Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 26Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 27Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 28Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 29Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 30Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 31Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 32Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
GMS81C1102 / GMS81C1202
Jan. 2002 ver 2.0
25
Table 11-1 RC Oscillator Frequencies
Cext
Rext
Average
Fosc @ 5V,25
°C
24pF
20K
2.02MHz
±14.11%
33K
1.34MHz
±11.50%
47K
0.952MHz
±10.30%
100K
0.48MHz
±9.07%
39pF
20K
1.536MHz
±14.79%
33K
1.012MHz
±11.67%
47K
0.72MHz
±10.42%
100K
0.364MHz
±9.75%
100pF
20K
0.78MHz
±13.53%
33K
0.512MHz
±10.35%
47K
0.364MHz
±9.48%
100K
0.18MHz
±7.34%
T yp ica l R C O scilla to r
1.5
1.0
0.5
0
(MHz)
FOSC
2.5
3
4
5
6
V DD
(V )
F re quency VS. V DD
2.5
2.0
3.5
4.5
5.5
Ta=25
°C
R= 2 0 k
R= 3 3K
R= 47 K
R = 10 0K
T ypical R C O scillato r
1.2
1.0
0.8
0
(M H z )
F OSC
2.5
3
4
5
6
V DD
(V )
F req ue n cy VS. V DD
1.6
1.4
3.5
4 .5
5.5
R = 20K
R = 47K
R = 100K
0.2
0.4
0.6
R = 33K
T ypica l R C O scillator
0.6
0.5
0.4
0
(M H z)
F OS C
2.5
3
4
5
6
V DD
(V )
F req uen cy VS. V DD
0.8
0.7
3.5
4 .5
5 .5
R =20K
R= 47 K
R = 10 0K
0.1
0.2
0.3
R= 3 3K
T yp ica l R C O scilla tor
1.005
1.00 0
0.99 5
0.975
F OSC
0
10305 0
7 0
V DD
(V )
F requency VS. Tem perature
1.010
20
40
60
0.980
0.985
0.990
V DD =5 V
V DD =3V
F OS C (25 °C)
C ext= 24pF
Ta= 25
°C
C e xt= 39pF
Ta=25
°C
C e xt= 100p F
R= 25K
C ext=24pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com