Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 54 Page - Hynix Semiconductor

Part # GMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 54 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 50Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 51Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 52Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 53Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 54Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 55Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 56Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 57Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 58Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
GMS81C1102 / GMS81C1202
Jan. 2002 ver 2.0
51
If it needed more higher frequency of PWM, it should be
reduced resolution.
The bit POL of TM1 decides the polarity of duty cycle.
If the duty value is set same to the period value, the PWM
output is determined by the bit POL ( 1: High, 0: Low ).
And if the duty value is set to "00H", the PWM output is
determined by the bit POL ( 1: Low, 0: High ).
It can be changed duty value when the PWM output. How-
erver the changed duty value is output after the current pe-
riod is over. And it can be maintained the duty value at
present output when changed only period value shown as
Figure 16-12 . As it were, the absolute duty time is not
changed in varying frequency. But the changed period val-
ue must greater than the duty value
Note: At PWM output start command, one first pulse would
be output abnormally. Because if user writes regis-
ter values while timer is in operaiton, these register
could be set with certain values at first. To prevent
this operation, user must stop PWM timer clock and
then set the duty and the period register values.
.
Figure 16-10 PWM Mode
Resolution
Frequency
T1CK[1:0]
= 00(125nS)
T1CK[1:0]
= 01(250nS)
T1CK[1:0]
= 10(1uS)
10-bit
7.8KHz
3.9KHz
0.98KHZ
9-bit
15.6KHz
7.8KHz
1.95KHz
8-bit
31.2KHz
15.6KHz
3.90KHz
7-bit
62.5KHz
31.2KHz
7.81KHz
Table 16-2 PWM Frequency vs. Resolution at 8MHz
÷ 1
÷ 2
÷ 8
PWM0HR
ADDRESS : D5H
RESET VALUE : ----0000
-
-
-
-
PWM0HR3PWM0HR2PWM0HR1PWM0HR0
---
-
XXX
X
MUX
1
T1CN
T1CK[1:0]
T1 ( 8-bit )
T1ST
0 : Stop
1 : Start
CLEAR
COMPARATOR
COMPARATOR
T1PDR(8-bit)
PWM0HR[1:0]
T1PPR(8-bit)
PWM0HR[3:2]
T1PDR(8-bit)
SQ
R
POL
PWM0O
RB4/
PWM0
T0 clock source
fxin
TM1
ADDRESS : D2H
RESET VALUE : 00000000
POL
16BIT
PWME
CAP1
T1CK1
T1CK0
T1CN
T1ST
X
010
XXX
X
[RBFUNC.4]
Period High
Duty High
Slave
Master
Bit Manipulation Not Available
X : The value IS "0" or "1" corresponding your operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com