Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 8Page - ATMEL Corporation ATAR080_14 Datasheet HTML 9Page - ATMEL Corporation ATAR080_14 Datasheet HTML 10Page - ATMEL Corporation ATAR080_14 Datasheet HTML 11Page - ATMEL Corporation ATAR080_14 Datasheet HTML 12Page - ATMEL Corporation ATAR080_14 Datasheet HTML 13Page - ATMEL Corporation ATAR080_14 Datasheet HTML 14Page - ATMEL Corporation ATAR080_14 Datasheet HTML 15Page - ATMEL Corporation ATAR080_14 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
12
ATAR080
4675D–4BMCU–12/04
Figure 11. Voltage Monitor
Voltage Monitor Control/
Status Register
VM2: Voltage monitor Mode bit 2
VM1: Voltage monitor Mode bit 1
VM0: Voltage monitor Mode bit 0
V
DD
VM2
Voltage monitor
VM1
VM0
VIM
VMS
-
-
res
OUT
IN
BP41/
VMI
INT7
VMC
VMST
Primary register address: ’F’hex
Bit 3
Bit 2
Bit 1
Bit 0
VMC: Write
VM2
VM1
VM0
VIM
Reset value: 1111b
VMST: Read
–
–
reserved
VMS
Reset value: xx11b
Table 3. Voltage Monitor Modes
VM2
VM1
VM0
Function
1
1
1
Disable voltage monitor
110
External (VIM input), internal reference threshold (1.25 V),
interrupt with negative slope
1
0
1
Not allowed
100
External (VMI input), internal reference threshold (1.25 V),
interrupt with positive slope
011
Internal (supply voltage), high threshold (2.95 V), interrupt with
negative slope
010
Internal (supply voltage), middle threshold (2.55 V), interrupt with
negative slope
001
Internal (supply voltage), low threshold (2.15 V), interrupt with
negative slope
0
0
0
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com