Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 14Page - ATMEL Corporation ATAR080_14 Datasheet HTML 15Page - ATMEL Corporation ATAR080_14 Datasheet HTML 16Page - ATMEL Corporation ATAR080_14 Datasheet HTML 17Page - ATMEL Corporation ATAR080_14 Datasheet HTML 18Page - ATMEL Corporation ATAR080_14 Datasheet HTML 19Page - ATMEL Corporation ATAR080_14 Datasheet HTML 20Page - ATMEL Corporation ATAR080_14 Datasheet HTML 21Page - ATMEL Corporation ATAR080_14 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
18
ATAR080
4675D–4BMCU–12/04
Clock Management Register
(CM)
System configuration Register
(SC)
Note:
If the bit CCS = 0 in the CM-register the RC-oscillator 1 always stops.
Auxiliary register address:
'3'hex
Bit 3Bit 2Bit 1Bit 0
CM
NSTOP
CCS
CSS1
CSS0
Reset value: 1111b
NSTOP
Not STOP peripheral clock
NSTOP = 0, stops the peripheral clock while the core is in SLEEP mode
NSTOP = 1, enables the peripheral clock while the core is in SLEEP mode
CCS
Core Clock Select
CCS = 1, the internal RC-oscillator 1 generates SYSCL
CCS = 0, the 4-Mhz crystal oscillator, the 32-kHz crystal oscillator, an external
clock source or the RC-oscillator 2 with the external resistor at OSC1
generates SYSCL dependent on the setting of OS0 and OS1 in the
system configuration register
CSS1
Core Speed Select 1
CSS0
Core Speed Select 0
Table 6. Core Speed Select
CSS1
CSS0
Divider
Note
00
16
1
1
8
Reset value
10
4
01
2
Primary register address: ’3’hex
Bit 3Bit 2Bit 1Bit 0
SC: write
BOT
–
OS1
OS0
Reset value: 1x11b
BOT
Brown-Out Threshold
BOT = 1, low brown-out voltage threshold (1.65 V)
BOT = 0, high brown-out voltage threshold (1.95 V)
OS1
Oscillator Select 1
OS0
Oscillator Select 0
Table 7. Oscillator Select
Mode
OS1
OS0
Input for SUBCL
Selected Oscillators
11
1
C
in/16
RC-oscillator 1 and external input clock
20
1
C
in/16
RC-oscillator 1 and RC-oscillator 2
31
0
C
in/16
RC-oscillator 1 and 4-MHz crystal oscillator
40
0
32 kHz
RC-oscillator 1 and 32-kHz crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com