Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 29Page - ATMEL Corporation ATAR080_14 Datasheet HTML 30Page - ATMEL Corporation ATAR080_14 Datasheet HTML 31Page - ATMEL Corporation ATAR080_14 Datasheet HTML 32Page - ATMEL Corporation ATAR080_14 Datasheet HTML 33Page - ATMEL Corporation ATAR080_14 Datasheet HTML 34Page - ATMEL Corporation ATAR080_14 Datasheet HTML 35Page - ATMEL Corporation ATAR080_14 Datasheet HTML 36Page - ATMEL Corporation ATAR080_14 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
33
ATAR080
4675D–4BMCU–12/04
Figure 32. 4-/8-bit Compare Counter
Timer 2 Output Modes
The signal at the timer output is generated via Modulator 2. In the toggle mode, the com-
pare match event toggles the output T2O. For high resolution duty cycle modulation,
8 bits or 12 bits can be used to toggle the output. In the duty cycle burst modulator
modes the DCG output is connected to T2O and switched on and off either by the toggle
flipflop output or the serial data line of the SSI. Modulator 2 also has two modes to out-
put the content of the serial interface as Bi-phase or Manchester code.
The modulator output stage can be configured by the output control bits in the T2M2
register. The modulator is started with the start of the shift register (SIR = 0) and
stopped either by carrying out a shift register stop (SIR = 1) or compare match event of
stage 1 (CM1) of Timer 2. For this task, Timer 2 mode 3 must be used and the prescaler
has to be supplied with the internal shift clock (SCL).
Figure 33. Timer 2 Modulator Output Stage
4-bit counter
4-bit compare
RES
4-bit register
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/2
DCG
T2D1, 0
DCGO
P41M2, 1
P4CR
CM1
POUT
CL2/1
MUX
T1OUT
SYSCL
SCL
T2CS1, 0
SYSCL
T2I
Toggle
RES/SET
Bi-phase/
Manchester
modulator
T2TOP
T2OS2, 1, 0
T2M2
T2O
M2
M2
S1
S2
S3
RE
FE
OMSK
SSI
CONTROL
TOG2
SO
DCGO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com