Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 26Page - ATMEL Corporation ATAR080_14 Datasheet HTML 27Page - ATMEL Corporation ATAR080_14 Datasheet HTML 28Page - ATMEL Corporation ATAR080_14 Datasheet HTML 29Page - ATMEL Corporation ATAR080_14 Datasheet HTML 30Page - ATMEL Corporation ATAR080_14 Datasheet HTML 31Page - ATMEL Corporation ATAR080_14 Datasheet HTML 32Page - ATMEL Corporation ATAR080_14 Datasheet HTML 33Page - ATMEL Corporation ATAR080_14 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
30
ATAR080
4675D–4BMCU–12/04
Watchdog Control Register
(WDC)
Bit 3 = MSB, Bit 0 = LSB
Both these bits control the time interval for the watchdog reset
Note:
t
in: input clock period = 1/Cin (see Figure 14 on page 14)
Timer 2
Timer 2 is an 8-/12-bit timer used for:
•
Interrupt, square-wave, pulse and duty cycle generation
•
Baud-rate generation for the internal shift register
•
Manchester and Bi-phase modulation together with the SSI
•
Carrier frequency generation and modulation together with the SSI
Timer 2 can be used as an interval timer for interrupt generation, as signal generator or
as baud-rate generator and modulator for the serial interface. It consists of a 4-bit and
an 8-bit up counter stage which both have compare registers. The 4-bit counter stages
of Timer 2 are cascadable as a 12-bit timer or as an 8-bit timer with a 4-bit prescaler.
The timer can also be configured as an 8-bit timer and a separate 4-bit prescaler.
The Timer 2 input can be supplied via the system clock, the external input clock (T2I),
the Timer 1 output clock or the shift clock of the serial interface. The external input clock
T2I is not synchronized with SYSCL. Therefore, it is possible to use Timer 2 with a
higher clock speed than SYSCL. Furthermore, with that input clock the Timer 2 operates
in the power-down mode SLEEP (CPU core
→sleep and OSC-Stop →yes) as well as in
the POWER-DOWN (CPU core
→sleep and OSC-Stop →no). All other clock sources
supply no clock signal in SLEEP if NSTOP = 0. The 4-bit counter stages of Timer 2 have
an additional clock output (POUT).
Address: ’7’hex - Subaddress: ’A’hex
Bit 3Bit 2Bit 1Bit 0
WDC
WDL
WDR
WDT1
WDT0
Reset value: 1111b
WDL
WatchDog Lock mode
WDL = 1, the watchdog can be enabled and disabled by using the WDR-bit
WDL = 0, the watchdog is enabled and locked. In this mode the WDR-bit has no
effect. After the WDL-bit is cleared, the watchdog is active until a system
reset or power-on reset occurs.
WDR
WatchDog Run and stop mode
WDR = 1, the watchdog is stopped/disabled
WDR = 0, the watchdog is active/enabled
WDT1
WatchDog Time 1
WDT0
WatchDog Time 0
Table 14. Watchdog Time Control Bits
WDT1
WDT0
Divider
Delay Time to Reset with
t
in = 1/32 kHz
Delay Time to Reset with
t
in = 1/(2/1 MHz)
0
0
512
15.625 ms
0.256 ms/0.512 ms
0
1
2048
62.5 ms
1.024 ms/2.048 ms
1
0
16384
0.5 s
8.2 ms/16.4 ms
1
1
131072
4 s
65.5 ms/131 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com