Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 18Page - ATMEL Corporation ATAR080_14 Datasheet HTML 19Page - ATMEL Corporation ATAR080_14 Datasheet HTML 20Page - ATMEL Corporation ATAR080_14 Datasheet HTML 21Page - ATMEL Corporation ATAR080_14 Datasheet HTML 22Page - ATMEL Corporation ATAR080_14 Datasheet HTML 23Page - ATMEL Corporation ATAR080_14 Datasheet HTML 24Page - ATMEL Corporation ATAR080_14 Datasheet HTML 25Page - ATMEL Corporation ATAR080_14 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
22
ATAR080
4675D–4BMCU–12/04
Bi-directional Ports
Ports 2, 4 and 5 are 4 bits wide. All ports may be used for data input or output. All ports
are equipped with Schmitt trigger inputs and a variety of mask options for open-drain,
open-source, full-complementary outputs, pull-up and pull-down transistors. All Port
Data Registers (PxDAT) are I/O mapped to the primary address register of the respec-
tive port address and the Port Control Register (PxCR), to the corresponding auxiliary
register.
There are three different directional ports available:
Port 2 -
4-bit wide bitwise programmable I/O port.
Port 5 -
4-bit wide bitwise programmable bi-directional port with optional static
pull-ups and programmable interrupt logic.
Port 4 -
4-bit wide bitwise programmable bi-directional port also provides the I/O
interface to Timer 2, SSI, voltage monitor input and external interrupt input.
Bi-directional Port 2
This, and all other bi-directional ports include a bitwise programmable Control Register
(P2CR), which enables the individual programming of each port bit as input or output. It
also opens up the possibility of reading the pin condition when in output mode. This is a
useful feature for self-testing and for serial bus applications
Port 2 however, has an increased drive capability and an additional low resistance pull-
up/-down transistor mask option.
Care should be taken connecting external components to BP20/NTE. During any reset
phase, the BP20/NTE input is driven towards V
DD by an additional internal strong pull-up
transistor. This pin must not be pulled down (active or passive) to V
SS during reset by
any external circuitry representing a resistor of less than 150 k
Ω. This prevents the cir-
cuit from unintended switching to test mode enable through the application circuitry at
pin BP20/NTE. Resistors less than 150 k
Ω might lead to an undefined state of the inter-
nal test logic thus disabling the application firmware.
To avoid any conflict with the optional internal pull-down transistors, BP20 handles the
pull-down options in a different way than all other ports. BP20 is the only port that
switches off the pull-down transistors during reset.
Figure 22. Bi-directional Port 2
Master reset
Q
Q
BP2y
(1) Mask options
(1)
P2DATy
P2CRy
I/O Bus
D
I/O Bus
I/O Bus
Pull-up
Pull-down
V
DD
Static
Pull-up
(Data out)
(Direction)
S
D
S
V
DD
Static
Pull-down
(1)
(1)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com