Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 27Page - ATMEL Corporation ATAR080_14 Datasheet HTML 28Page - ATMEL Corporation ATAR080_14 Datasheet HTML 29Page - ATMEL Corporation ATAR080_14 Datasheet HTML 30Page - ATMEL Corporation ATAR080_14 Datasheet HTML 31Page - ATMEL Corporation ATAR080_14 Datasheet HTML 32Page - ATMEL Corporation ATAR080_14 Datasheet HTML 33Page - ATMEL Corporation ATAR080_14 Datasheet HTML 34Page - ATMEL Corporation ATAR080_14 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
31
ATAR080
4675D–4BMCU–12/04
Its output has a modulator stage that allows the generation of pulses as well as the gen-
eration and modulation of carrier frequencies. Timer 2 output can modulate with the shift
register internal data output to generate Bi-phase- or Manchester-code.
If the serial interface is used to modulate a bit-stream, the 4-bit stage of Timer 2 has a
special task. The shift register can only handle bit-stream lengths divisible by 8. For
other lengths, the 4-bit counter stage can be used to stop the modulator after the right
bit-count is shifted out.
If the timer is used for carrier frequency modulation, the 4-bit stage works together with
an additional 2-bit duty cycle generator like a 6-bit prescaler to generate carrier fre-
quency and duty cycle. The 8-bit counter is used to enable and disable the modulator
output for a programmable count of pulses.
The timer has a 4-bit and an 8-bit compare register for programming the time interval.
For programming the timer function, it has four mode and control registers. The compar-
ator output of stage 2 is controlled by a special compare mode register (T2CM). This
register contains mask bits for the actions (counter reset, output toggle, timer interrupt)
which can be triggered by a compare match event or the counter overflow. This archi-
tecture enables the timer to function for various modes.
Timer 2 compare data values
Timer 2 has a 4-bit compare register (T2CO1) and an 8-bit compare register (T2CO2).
Both these compare registers are cascadable as a 12-bit compare register, or 8-bit com-
pare register and 4-bit compare register.
•
For 12-bit compare data value: m = x + 1; 0
≤x ≤4095
•
For 8-bit compare data value: n = y + 1; 0
≤y ≤255
•
For 4-bit compare data value: l = z +1; 0
≤z ≤15
Figure 29. Timer 2
4-bit Counter 2/1
RES
OVF1
Compare 2/1
T2CO1
CM1
POUT
SSI POUT
CL2/2
DCG
T2M1
P4CR
8-bit Counter 2/2
RES
OVF2
Compare 2/2
T2CO2
T2CM
Control
TOG2
INT4
Bi-phase
Manchester
Modulator
OUTPUT
MOUT
M2
to
Modulator 3
T2O
Timer 2
modulator
output-stage
T2M2
SO
Control
SSI
SSI
I/O-bus
T2C
CL2/1
T2I
SYSCL
T1OUT
SCL
I/O-bus
DCGO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com