Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 39Page - ATMEL Corporation ATAR080_14 Datasheet HTML 40Page - ATMEL Corporation ATAR080_14 Datasheet HTML 41Page - ATMEL Corporation ATAR080_14 Datasheet HTML 42Page - ATMEL Corporation ATAR080_14 Datasheet HTML 43Page - ATMEL Corporation ATAR080_14 Datasheet HTML 44Page - ATMEL Corporation ATAR080_14 Datasheet HTML 45Page - ATMEL Corporation ATAR080_14 Datasheet HTML 46Page - ATMEL Corporation ATAR080_14 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
43
ATAR080
4675D–4BMCU–12/04
8-bit Synchronous Mode
Figure 44. 8-bit Synchronous Mode
In the 8-bit synchronous mode, the SSI can operate as either a 2- or 3-wire interface
(see section “SSI Peripheral Configuration”). The serial data (SD) is received or trans-
mitted in NRZ format, synchronized to either the rising or falling edge of the shift clock
(SC). The choice of clock edge is defined by the Serial Mode Control bits (SM0,SM1). It
should be noted that the transmission edge refers to the SC clock edge with which the
SD changes. To avoid clock skew problems, the incoming serial input data is shifted in
with the opposite edge.
When used together with one of the timer modulator or demodulator stages, the SSI
must be set in the 8-bit synchronous mode 1.
In RX mode, as soon as the SSI is activated (SIR = 0), 8 shift clocks are generated and
the incoming serial data is shifted into the shift register. This first telegram is automati-
cally transferred into the receive buffer and the SRDY flag is set to 0 indicating that the
receive buffer contains valid data. At the same time an interrupt (if enabled) is gener-
ated. The SSI then continues shifting in the following 8-bit telegram. If, during this time
the first telegram has been read by the controller, the second telegram will also be trans-
ferred in the same way into the receive buffer and the SSI will continue clocking in the
next telegram. Should, however, the first telegram not have been read (SRDY = 1), then
the SSI will stop, temporarily holding the second telegram in the shift register until a cer-
tain point in time when the controller is able to service the receive buffer. In this way no
data is lost or overwritten.
Deactivating the SSI (SIR = 1) in mid-telegram will immediately stop the shift clock and
latch the present contents of the shift register into the receive buffer. This can be used
for clocking in a data telegram of less than 8 bits in length. Care should be taken to read
out the final complete 8-bit data telegram of a multiple word message before deactivat-
ing the SSI (SIR = 1) and terminating the reception. After termination, the shift register
contents will overwrite the receive buffer.
DATA
SD/TO2
11
0
1
01
00
Bit 7
Bit 0
11
0
1
01
00
Bit 7
Bit 0
Data: 00110101
SC
(rising edge)
SC
(falling edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com