Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 15Page - ATMEL Corporation ATAR080_14 Datasheet HTML 16Page - ATMEL Corporation ATAR080_14 Datasheet HTML 17Page - ATMEL Corporation ATAR080_14 Datasheet HTML 18Page - ATMEL Corporation ATAR080_14 Datasheet HTML 19Page - ATMEL Corporation ATAR080_14 Datasheet HTML 20Page - ATMEL Corporation ATAR080_14 Datasheet HTML 21Page - ATMEL Corporation ATAR080_14 Datasheet HTML 22Page - ATMEL Corporation ATAR080_14 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
19
ATAR080
4675D–4BMCU–12/04
Power-down Modes
The sleep mode is a shut-down condition which is used to reduce the average system
power consumption in applications where the microcontroller is not fully utilized. In this
mode, the system clock is stopped. The sleep mode is entered via the SLEEP instruc-
tion. This instruction sets the interrupt enable bit (I) in the condition code register to
enable all interrupts and stops the core. During the sleep mode the peripheral modules
remain active and are able to generate interrupts. The microcontroller exits the sleep
mode by carrying out any interrupt or a reset.
The sleep mode can only be maintained while none of the interrupt pending or active
register bits are set. The application of the $AUTOSLEEP routine ensures the correct
function of the sleep mode. For standard applications use the $AUTOSLEEP routine to
enter the power-down mode. Using the SLEEP instruction instead of the $AUTOSLEEP
following an I/O instruction requires the insertion of 3 non-I/O instruction cycles (for
example NOP NOP NOP) between the IN or OUT command and the SLEEP command.
The total power consumption is directly proportional to the active time of the microcon-
troller. For a rough estimate of the expected average system current consumption, the
following formula should be used:
I
DD depends on VDD and fsyscl.
The ATAR080 has various power-down modes. During the sleep mode the clock for the
MARC4 core is stopped. With the NSTOP-bit in the clock management register (CM), it
is programmable if the clock for the on-chip peripherals is active or stopped during the
sleep mode. If the clock for the core and the peripherals is stopped the selected oscilla-
tor is switched off. An exception is the 32-kHz oscillator, if it is selected it runs
continuously independent of the NSTOP-bit. If the oscillator is stopped or the 32-kHz
oscillator is selected, power consumption is extremely low.
Table 8. Power-down Modes
Note:
1. Osc-Stop = SLEEP and NSTOP and WDL
I
total VDD,fsyscl
()
I
Sleep
I
DD
t
active
t
total
--------------
×
⎝⎠
⎛⎞
+
=
Mode
CPU Core
Osc-Stop
(1)
Brown-out
Function
RC-oscillator 1
RC-oscillator 2
4-MHz Oscillator
32-kHz Oscillator
External Input
Clock
Active
RUN
NO
Active
RUN
RUN
YES
Power-down
SLEEP
NO
Active
RUN
RUN
YES
SLEEP
SLEEP
YES
STOP
STOP
RUN
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com