Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 56Page - ATMEL Corporation ATAR080_14 Datasheet HTML 57Page - ATMEL Corporation ATAR080_14 Datasheet HTML 58Page - ATMEL Corporation ATAR080_14 Datasheet HTML 59Page - ATMEL Corporation ATAR080_14 Datasheet HTML 60Page - ATMEL Corporation ATAR080_14 Datasheet HTML 61Page - ATMEL Corporation ATAR080_14 Datasheet HTML 62Page - ATMEL Corporation ATAR080_14 Datasheet HTML 63Page - ATMEL Corporation ATAR080_14 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
60
ATAR080
4675D–4BMCU–12/04
Figure 65. External RC Frequency versus V
DD
Figure 66. Maximum System Clock versus V
DD
Figure 67. Internal RC Frequency versus T
amb
1.570
1.590
1.610
1.630
1.650
1.670
1.690
1.710
1.730
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V
DD (V)
R
ext = 43k
T
amb = -40°C
25°C
85°C
0.00
2.00
4.00
6.00
8.00
10.00
12.00
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V
DD (V)
2.00
2.20
2.40
2.60
2.80
3.00
3.20
3.40
3.60
3.80
4.00
4.20
4.40
4.60
4.80
5.00
5.20
5.40
5.60
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
T
amb (°C)
V
DD = 6.5 V
2 V
3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com