Electronic Components Datasheet Search
  English  ▼

X  

28F002BC Datasheet(PDF) 1 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 1 Page - Intel Corporation

  28F002BC Datasheet HTML 1Page - Intel Corporation 28F002BC Datasheet HTML 2Page - Intel Corporation 28F002BC Datasheet HTML 3Page - Intel Corporation 28F002BC Datasheet HTML 4Page - Intel Corporation 28F002BC Datasheet HTML 5Page - Intel Corporation 28F002BC Datasheet HTML 6Page - Intel Corporation 28F002BC Datasheet HTML 7Page - Intel Corporation 28F002BC Datasheet HTML 8Page - Intel Corporation 28F002BC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
E
PRELIMINARY
October 1996
Order Number: 290578-003
n High Performance Read
80/120 ns Max Access Time
40 ns Max. Output Enable Time
n Low Power Consumption
20 mA Typical Read Current
n x8-Only Input/Output Architecture
Space-Constrained 8-bit
Applications
n Optimized Array Blocking Architecture
One 16-KB Protected Boot Block
Two 8-KB Parameter Blocks
One 96-KB Main Block
One 128-KB Main Block
Top Boot Location
n Hardware Data Protection Feature
Erase/Write Lockout during Power
Transitions
Absolute Hardware Protection for
Boot Block
n Software EEPROM Emulation with
Parameter Blocks
n Extended Cycling Capability
100,000 Block Erase Cycles
n Automated Byte Write and Block Erase
n Industry-Standard Command User
Interface
Status Registers
Erase Suspend Capability
n SRAM-Compatible Write Interface
n Reset/Deep Power-Down Input
0.2 µA ICC Typical
Provides Reset for Boot Operations
n Industry-Standard Surface Mount
Packaging
40-Lead TSOP
44-Lead PSOP
40-Lead PDIP
n ETOX™ IV Flash Technology
5V Read
n 12V Write and Block Erase
VPP = 12V ±5% Standard
VPP = 12V ±10% Option
n Independent Software Vendor Support
Intel’s 2-Mbit flash memory is an extension of the Boot Block architecture which includes block-selective
erasure, automated write and erase operations, and a standard microprocessor interface. The 2-Mbit flash
memory enhances the Boot Block architecture by adding more density and blocks, x8 input/output control,
very high-speed, low-power, and industry-standard ROM-compatible pinout and surface mount packaging.
The Intel 28F002BC is an 8-bit wide flash memory offering. This high-density flash memory provides user-
selectable bus operation for 8-bit applications. The 28F002BC is a 2,097,152-bit nonvolatile memory
organized as 262,144 bytes of information. It is offered in 44-lead PSOP, 40- lead PDIP and 40-lead TSOP
package, which is ideal for space-constrained portable systems or any application with board space
limitations.
This device uses an integrated Command User Interface (CUI) and Write State Machine (WSM) for simplified
byte write and block erasure. The 28F002BC provides block locations compatible with Intel’s MCS®-186
family, 80286, 90860CA, and the Intel386™, Intel486™, Pentium®, and Pentium Pro microprocessors.
The boot block includes a data protection feature to protect the boot code in critical applications. With a
maximum access time of 80 ns, this high-performance 2-Mbit flash memory interfaces at zero wait-state to a
wide range of microprocessors and microcontrollers. A deep power-down mode lowers the total VCC power
consumption to 1 µW typical. This power savings is critical in hand-held battery powered systems. For very
low-power applications using a 3.3V supply, refer to the Intel 28F002BV-T/B
2-Mbit SmartVoltage Boot Block
Flash Memory datasheet. Manufactured on Intel’s 0.6 micron ETOX™ IV process technology, the 28F002BC
flash memory provides world-class quality, reliability, and cost-effectiveness at the 2-Mbit density.
28F002BC 2-MBIT (256K X 8)
BOOT BLOCK FLASH MEMORY


Similar Part No. - 28F002BC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - 28F002BC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
21-Jun-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com