Electronic Components Datasheet Search
  English  ▼

X  

28F002BC Datasheet(PDF) 33 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 33 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 29Page - Intel Corporation 28F002BC Datasheet HTML 30Page - Intel Corporation 28F002BC Datasheet HTML 31Page - Intel Corporation 28F002BC Datasheet HTML 32Page - Intel Corporation 28F002BC Datasheet HTML 33Page - Intel Corporation 28F002BC Datasheet HTML 34Page - Intel Corporation 28F002BC Datasheet HTML 35Page - Intel Corporation 28F002BC Datasheet HTML 36Page - Intel Corporation 28F002BC Datasheet HTML 37Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
E
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
33
PRELIMINARY
Table 10. AC Characteristics: CE#—Controlled Write Operations(1,9)
28F002BC-80
28F002BC-120
Symbol
Parameter
Notes
VCC = 5V ± 10%
100 pF
VCC= 5V ± 10%
100 pF
Units
Min
Max
Min
Max
tAVAV
Write Cycle Time
80
120
ns
tPHEL
RP# High Recovery to CE# Going
Low
215
215
ns
tWLEL
WE# Setup to CE# Going Low
0
0
ns
tPHHEH
Boot Block Lock Setup to CE# Going
High
6, 8
100
100
ns
tVPEH
VPP Setup to CE# Going High
5, 8
100
100
ns
tAVEH
Address Setup to CE# Going High
3
50
50
ns
tDVEH
Data Setup to CE# Going High
4
50
50
ns
tELEH
CE# Pulse Width
50
50
ns
tEHDX
Data Hold Time from CE# High
4
0
0
ns
tEHAX
Address Hold Time from CE# High
3
0
0
ns
tEHWH
WE # Hold Time from CE# High
0
0
ns
tEHEL
CE# Pulse Width High
30
30
ns
tEHQV1
Duration of Programming Operation
2, 5
6
6
µs
tEHQV2
Duration of Erase Operation (Boot)
2, 5, 6
0.3
0.3
s
tEHQV3
Duration of Erase Operation
(Parameter)
2, 5
0.3
0.3
s
tEHQV4
Duration of Erase Operation (Main)
2, 5
0.6
0.6
s
tQVVL
VPP Hold from Valid SRD
5, 8
0
0
ns
tQVPH
RP# VHH Hold from Valid SRD
6, 8
0
0
ns
tPHBR
Boot Block Lock Delay
7, 8
100
100
ns
NOTES:
See WE# Controlled Write Operations for notes 1 through 8.
9.
Chip-Enable controlled writes: write operations are driven by the valid combination of CE# and WE# in systems where
CE# defines the write pulse-width (within a longer WE# timing waveform), all set-up, hold and inactive WE# times should
be measured relative to the CE# waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com