Electronic Components Datasheet Search
  English  ▼

X  

28F002BC Datasheet(PDF) 31 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 31 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 27Page - Intel Corporation 28F002BC Datasheet HTML 28Page - Intel Corporation 28F002BC Datasheet HTML 29Page - Intel Corporation 28F002BC Datasheet HTML 30Page - Intel Corporation 28F002BC Datasheet HTML 31Page - Intel Corporation 28F002BC Datasheet HTML 32Page - Intel Corporation 28F002BC Datasheet HTML 33Page - Intel Corporation 28F002BC Datasheet HTML 34Page - Intel Corporation 28F002BC Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
E
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
31
PRELIMINARY
Table 9. AC Characteristics: WE#—Controlled Write Operations(1) (Continued)
28F002BC-80
28F002BC-120
Symbol
Parameter
Notes
VCC = 5V ± 10%
100 pF
VCC = 5V ± 10%
100 pF
Units
Min
Max
Min
Max
tWHWL
WE# Pulse Width High
20
20
ns
tWHQV1
Duration of Programming Operation
2, 5
6
6
µs
tWHQV2
Duration of Erase Operation (Boot)
2, 5, 6
0.3
0.3
s
tWHQV3
Duration of Erase Operation
(Parameter)
2,5
0.3
0.3
s
tWHQV4
Duration of Erase Operation (Main)
2, 5
0.6
0.6
s
tQVVL
VPP Hold from Valid SRD
5, 8
0
0
ns
tQVPH
RP# VHH Hold from Valid SRD
6, 8
0
0
ns
tPHBR
Boot Block Lock Delay
7, 8
100
100
ns
NOTES:
1. Read timing characteristics during write and erase operations are the same as during read-only operations. Refer to AC
characteristics during read mode.
2. The on-chip WSM completely automates program/erase operations; program/erase algorithms are now controlled internally
which includes verify and margining operations.
3. Refer to command definition table for valid A
IN.
4. Refer to command definition table for valid D
IN.
5. Program/erase durations are measured to valid SRD data (successful operation, SR.7 = 1).
6. For boot block program/erase, RP# should be held at V
HH until operation completes successfully.
7. Time t
PHBR is required for successful relocking of the boot block.
8. Sampled, but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com