Electronic Components Datasheet Search
  English  ▼

X  

28F002BC Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 26Page - Intel Corporation 28F002BC Datasheet HTML 27Page - Intel Corporation 28F002BC Datasheet HTML 28Page - Intel Corporation 28F002BC Datasheet HTML 29Page - Intel Corporation 28F002BC Datasheet HTML 30Page - Intel Corporation 28F002BC Datasheet HTML 31Page - Intel Corporation 28F002BC Datasheet HTML 32Page - Intel Corporation 28F002BC Datasheet HTML 33Page - Intel Corporation 28F002BC Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
E
30
PRELIMINARY
Address Stable
Device and
Address Selection
IH
V
IL
V
ADDRESSES (A)
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
CE# (E)
OE# (G)
WE# (W)
DATA (D/Q)
IH
V
IL
V
RP#(P)
OL
V
OH
V
PHQV
t
High Z
Valid Output
Data
Valid
Standby
AVAV
t
EHQZ
t
GHQZ
t
OH
t
GLQV
t
GLQX
t
ELQV
t
ELQX
t
AVQV
t
High Z
0578_11
Figure 12. AC Waveforms for Read Operations
Table 9. AC Characteristics: WE#—Controlled Write Operations(1)
28F002BC-80
28F002BC-120
Symbol
Parameter
Notes
VCC = 5V ± 10%
100 pF
VCC = 5V ± 10%
100 pF
Units
Min
Max
Min
Max
tAVAV
Write Cycle Time
80
120
ns
tPHWL
RP# Setup to WE# Going Low
215
215
ns
tELWL
CE# Setup to WE# Going Low
0
0
ns
tPHHWH
Boot Block Lock Setup to WE#
Going High
6, 8
100
100
ns
tVPWH
VPP Setup to WE# Going High
5, 8
100
100
ns
tAVWH
Address Setup to WE# Going High
3
50
50
ns
tDVWH
Data Setup to WE# Going High
4
50
50
ns
tWLWH
WE# Pulse Width
50
50
ns
tWHDX
Data Hold Time from WE# High
4
0
0
ns
tWHAX
Address Hold Time from WE# High
3
0
0
ns
tWHEH
CE# Hold Time from WE# High
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com