Electronic Components Datasheet Search
  English  ▼

X  

28F002BC Datasheet(PDF) 22 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 22 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 18Page - Intel Corporation 28F002BC Datasheet HTML 19Page - Intel Corporation 28F002BC Datasheet HTML 20Page - Intel Corporation 28F002BC Datasheet HTML 21Page - Intel Corporation 28F002BC Datasheet HTML 22Page - Intel Corporation 28F002BC Datasheet HTML 23Page - Intel Corporation 28F002BC Datasheet HTML 24Page - Intel Corporation 28F002BC Datasheet HTML 25Page - Intel Corporation 28F002BC Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
E
22
PRELIMINARY
SR.7 =
0
1
Start
Write B0H
Read Status Register
Write D0H
Erase Resumed
Bus
Operation
Command
Comments
Write
Erase
Suspend
Read
Data = B0H
Addr = X
Check SR.7
1 = WSM Ready
0 = WSM Busy
Status Register Data
Toggle CE# or OE#
to Update SRD.
Addr = X
Standby
SR.6 =
Write FFH
Read Array Data
Done
Reading
Erase Completed
Write FFH
Read Array Data
Yes
No
0
1
Check SR.6
1 = Erase Suspended
0 = Erase Completed
Standby
Data = FFH
Addr = X
Write
Read Array Data from Block
Other Than the One Being
Erased
Read
Data = D0H
Addr = X
Write
Read Array
Erase Resume
0578_08
Figure 9. Erase Suspend/Resume Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com