Electronic Components Datasheet Search
  English  ▼

X  

28F002BC Datasheet(PDF) 16 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 16 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 12Page - Intel Corporation 28F002BC Datasheet HTML 13Page - Intel Corporation 28F002BC Datasheet HTML 14Page - Intel Corporation 28F002BC Datasheet HTML 15Page - Intel Corporation 28F002BC Datasheet HTML 16Page - Intel Corporation 28F002BC Datasheet HTML 17Page - Intel Corporation 28F002BC Datasheet HTML 18Page - Intel Corporation 28F002BC Datasheet HTML 19Page - Intel Corporation 28F002BC Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
E
16
PRELIMINARY
Read Status Register (70H)
This is one of three commands that is executable
while the WSM is operating. After this command is
written, a read of the device will output the contents
of the status register, regardless of the address
presented to the device. The device automatically
enters this mode after program or erase has
completed.
Clear Status Register (50H)
The WSM can set the Program Status and Erase
Status bits in the status register to “1,” but it cannot
clear them to “0.”
The status register is operated in this fashion for
two reasons, the first is synchronization. Since the
WSM does not know when the host CPU has read
the status register, it would not know when to clear
the status bits. Second, if the CPU is programming
a string of bytes, it may be more efficient to query
the status register after programming the string.
Thus, if any errors exist while programming the
string,
the
status
register
will
return
the
accumulated
error
status.
The
Clear
Status
Register command clears the Program, Erase, and
VPP Status bits to “0.”
Program Setup (40H)
This command simply sets the CUI into a state
such that the next write will load the Address and
Data registers. After this command is executed, the
outputs
default
to
the
status
register.
Two
consecutive Read Array commands (FFH) are
required to reset to Read Array after the Program
Setup command.
Program
The write following the Program Setup command
will latch address and data. Also, the CUI initiates
the WSM to begin execution of the program
algorithm. The device outputs status register data
when OE# is enabled. To read array data after the
program operation is completed, a Read Array
command is required.
Erase Setup (20H)
The Erase Setup command prepares the CUI for
the Erase Confirm command. No other action is
taken. If the next command is not an Erase Confirm
command, then the CUI will set both the Program
Status and Erase Status bits of the status register
to a “1,” place the device into read status register
mode, and wait for another command.
Erase Confirm (D0H)
If the previous command was an Erase Setup
command, then the CUI will enable the WSM to
erase, at the same time closing the address and
data latches, and respond only to the Read Status
Register and Erase Suspend commands. While the
WSM is executing, the device will output status
register data when OE# is toggled low. Status
register data can only be updated by toggling either
OE# or CE#. If the previous command was not the
Erase Setup command (20H), the Erase Confirm
command is ignored. Status Register bits 4 and 5
are both set to indicate an invalid command
sequence.
Erase Suspend (B0H)
This command is only valid while the WSM is
executing an erase operation. At all other times,
this command is ignored. After this command has
been executed, the CUI will set a signal that directs
the WSM to suspend erase operations. While
waiting for the erase to be suspended, the CUI
responds
only
to
the
Read
Status
Register
command or to the Erase Resume command. Once
the WSM has reached the Suspend state, it will set
an output in the CUI that allows the CUI to respond
to the Read Array, Read Status Register, and Erase
Resume commands. In this mode, the CUI will not
respond to any other commands. The WSM will
also set the WSM and Erase Suspend status bits to
a “1.” The WSM will continue to run, idling in the
Suspend state, regardless of the state of all input
control pins except VPP and RP#. If VPP is taken
below VPPLK, the VPP low status bit (SR.3) will be
set and the WSM will abort the suspended erase
operation. If active, RP# will immediately shut down
the WSM and the remainder of the chip. During a
suspend operation, the data and address latches
will remain closed, but the address pads are able to
drive the address into the read path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com