Electronic Components Datasheet Search
  English  ▼

X  

28F002BC Datasheet(PDF) 36 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 36 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 29Page - Intel Corporation 28F002BC Datasheet HTML 30Page - Intel Corporation 28F002BC Datasheet HTML 31Page - Intel Corporation 28F002BC Datasheet HTML 32Page - Intel Corporation 28F002BC Datasheet HTML 33Page - Intel Corporation 28F002BC Datasheet HTML 34Page - Intel Corporation 28F002BC Datasheet HTML 35Page - Intel Corporation 28F002BC Datasheet HTML 36Page - Intel Corporation 28F002BC Datasheet HTML 37Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
E
36
PRELIMINARY
APPENDIX B
WSM TRANSITION TABLE
Write State Machine Current/Next States
Command Input (and Next State)
Current
State
SR.7
Data
When
Read
Read
Array
(FFH)
Program
Setup
(40H)
Erase
Setup
(20H)
Erase
Confirm
(D0H)
Erase
Susp.
(B0H)
Erase
Resume
(D0H)
Read
Status
(70H)
Clear
Status
(50H)
Read
ID
(90H)
Read
Array
“1”
Array
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read ID
Program
Setup
“1”
Status
Program (Command Input = Byte Program Data)
Program*
(Not
Comp.)
“0”
Status
Program
Program
(Comp.)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read ID
Erase
Setup
“1”
Status
Erase Command Error
Erase
Erase
Cmd.
Error
Erase
Erase Command Error
Erase
Cmd.
Error
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read ID
Erase
(Not
Comp.)
“0”
Status
Erase
Erase
Susp. to
Status
Erase
Erase
(Comp.)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read ID
Erase
Suspend
to Status
“1”
Status
Erase
Susp. to
Array
Erase
Susp. to
Array
Erase
Susp. to
Array
Erase
Erase
Susp. to
Array
Erase
Erase
Susp. to
Status
Erase
Susp. to
Array
Erase
Susp. to
Array
Erase
Suspend
to Array
“1”
Array
Erase
Susp. to
Array
Erase
Susp. to
Array
Erase
Susp. to
Array
Erase
Erase
Susp. to
Array
Erase
Erase
Susp. to
Status
Erase
Susp. to
Array
Erase
Susp. to
Array
Read
Status
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read ID
Read
Identifier
“1”
ID
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read ID
NOTE:
You cannot program “1”s to the flash. Writing FFH after the Program Setup command will initiate the program algorithm of the
WSM machine. The WSM will attempt the program, realize you are trying to program “1”s, and exit to read status mode without
changing memory contents. No error is returned. Writing another FFH while in read status mode will return the flash to Read
Array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com