Electronic Components Datasheet Search
  English  ▼

X  

28F400B3 Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F400B3 Datasheet HTML 13Page - Intel Corporation 28F400B3 Datasheet HTML 14Page - Intel Corporation 28F400B3 Datasheet HTML 15Page - Intel Corporation 28F400B3 Datasheet HTML 16Page - Intel Corporation 28F400B3 Datasheet HTML 17Page - Intel Corporation 28F400B3 Datasheet HTML 18Page - Intel Corporation 28F400B3 Datasheet HTML 19Page - Intel Corporation 28F400B3 Datasheet HTML 20Page - Intel Corporation 28F400B3 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
17
PRELIMINARY
Table 4. Command Codes and Descriptions (Continued)
Code
Device Mode
Description
B0
Program
Suspend
Erase
Suspend
Issuing this command will begin to suspend the currently executing
program/erase operation. The status register will indicate when the operation
has been successfully suspended by setting either the program suspend (SR.2)
or erase suspend (SR.6) and the WSM Status bit (SR.7) to a “1” (ready). The
WSM will continue to idle in the SUSPEND state, regardless of the state of all
input control pins except RP#, which will immediately shut down the WSM and
the remainder of the chip if it is driven to VIL. See Sections 3.2.4.1 and 3.2.5.1.
70
Read Status
Register
This command places the device into read status register mode. Reading the
device will output the contents of the status register, regardless of the address
presented to the device. The device automatically enters this mode after a
program or erase operation has been initiated. See Section 3.2.3.
50
Clear Status
Register
The WSM can set the Block Lock Status (SR.1) , V PP Status (SR.3), Program
Status (SR.4), and Erase Status (SR.5) bits in the status register to “1,” but it
cannot clear them to “0.” Issuing this command clears those bits to “0.”
90
Intelligent
Identifier
Puts the device into the intelligent identifier read mode, so that reading the
device will output the manufacturer and device codes (A0 = 0 for manufacturer,
A0 = 1 for device, all other address inputs are ignored). See Section 3.2.2.
NOTE:
See Appendix B for mode transition information.
3.2.2
READ INTELLIGENT IDENTIFIER
To read the manufacturer and device codes, the
device must be in read intelligent identifier mode,
which can be reached by writing the Intelligent
Identifier command (90H).
Once
in
intelligent
identifier mode, A0 = 0 outputs the manufacturer’s
identification code and A0 = 1 outputs the device
code. See Table 5 for product signatures. To return
to read array mode, write the Read Array command
(FFH).
Table 5. Intelligent Identifier Table
Device ID
Size
Mfr. ID
-T
(Top Boot)
-B
(Bottom
Boot)
4-Mbit
0089H
8894H
8895H
8-Mbit
0089H
8892H
8893H
16-Mbit
0089H
8890H
8891H
3.2.3
READ STATUS REGISTER
The device status
register indicates
when a
program or erase operation is complete, and the
success or failure of that operation. To read the
status register issue the Read Status Register
(70H) command to the CUI. This causes all
subsequent read operations to output data from the
status register until another command is written to
the CUI. To return to reading from the array, issue
the Read Array (FFH) command.
The status register bits are output on DQ0–DQ7.
The upper byte, DQ8–DQ15, outputs 00H during a
Read Status Register command.
The contents of the status register are latched on
the falling edge of OE# or CE#. This prevents
possible bus errors which might occur if status
register contents change while being read. CE# or
OE# must be toggled with each subsequent status
read, or the status register will not indicate
completion of a program or erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com