Electronic Components Datasheet Search
  English  ▼

X  

28F400B3 Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F400B3 Datasheet HTML 26Page - Intel Corporation 28F400B3 Datasheet HTML 27Page - Intel Corporation 28F400B3 Datasheet HTML 28Page - Intel Corporation 28F400B3 Datasheet HTML 29Page - Intel Corporation 28F400B3 Datasheet HTML 30Page - Intel Corporation 28F400B3 Datasheet HTML 31Page - Intel Corporation 28F400B3 Datasheet HTML 32Page - Intel Corporation 28F400B3 Datasheet HTML 33Page - Intel Corporation 28F400B3 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
E
30
PRELIMINARY
5.1
DC Characteristics: VCCQ = 2.7V–3.6V
Table 10. DC Characteristics
Sym
Parameter
Notes
VCC = 2.7V–3.6V
Unit
Test Conditions
Typ
Max
ILI
Input Load Current
1
± 1.0
µA
VCC = VCCMax = VCCQMax
VIN = VCCQ or GND
ILO
Output Leakage Current
1
± 10
µA
VCC = VCCMax = VCCQMax
VIN = VCCQ or GND
ICCS
VCC Standby Current
1,7
20
50
µA
CMOS INPUTS
VCC = VCCMax = VCCQMax
CE# = RP# = VCCQ
ICCD
VCC Deep Power-Down
Current
1,7
1
10
µA
CMOS INPUTS
VCC = VCCMax = VCCQMax
VIN = VCCQ or GND
RP# = GND ± 0.2V
ICCR
VCC Read Current
1,5,7
10
20
mA
CMOS INPUTS
VCC = VCCMax = VCCQMax
OE# = VIH , CE# =VIL
f = 5 MHz,
IOUT = 0 mA
Inputs = VIL or VIH
ICCW
VCC Program Current
1,4,7
8
20
mA
VPP = VPPH1 (3V)
Program in Progress
820
mA
VPP = VPPH2 (12V)
Program in Progress
ICCE
VCC Erase Current
1,4,7
8
20
mA
VPP = VPPH1 (3V)
Erase in Progress
820
mA
VPP = VPPH2 (12V)
Erase in Progress
ICCES
VCC Erase Suspend
Current
1,2,4,7
20
50
µA
CE# = VIH
Erase Suspend in Progress
ICCWS
VCC Program Suspend
Current
1,2,4,7
20
50
µA
CE# = VIH
Program Suspend in Progress
IPPD
VPP Deep Power-Down
Current
1
0.2
5
µA
RP# = GND ± 0.2V
IPPR
VPP Read Current
1
2
±50
µA
VPP ≤ VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com