Electronic Components Datasheet Search
  English  ▼

X  

28F400B3 Datasheet(PDF) 18 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 28F400B3 Datasheet HTML 14Page - Intel Corporation 28F400B3 Datasheet HTML 15Page - Intel Corporation 28F400B3 Datasheet HTML 16Page - Intel Corporation 28F400B3 Datasheet HTML 17Page - Intel Corporation 28F400B3 Datasheet HTML 18Page - Intel Corporation 28F400B3 Datasheet HTML 19Page - Intel Corporation 28F400B3 Datasheet HTML 20Page - Intel Corporation 28F400B3 Datasheet HTML 21Page - Intel Corporation 28F400B3 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
E
18
PRELIMINARY
When the WSM is active, SR.7 will indicate the
status of the WSM; the remaining bits in the status
register indicate whether or not the WSM was
successful in performing the desired operation (see
Table 7).
3.2.3.1
Clearing the Status Register
The WSM sets status bits 1 through 7 to “1,” and
clears bits 2, 6 and 7 to “0,” but cannot clear status
bits 1 or 3 through 5 to “0.” Because bits 1, 3, 4 and
5 indicate various error conditions, these bits can
only be cleared by the controlling CPU through the
use of the Clear Status Register (50H) command.
By allowing the system software to control the
resetting of these bits, several operations may be
performed (such as cumulatively programming
several addresses or erasing multiple blocks in
sequence) before reading the status register to
determine if an error occurred during that series.
Clear the Status Register before beginning another
command or sequence. Note, again, that the Read
Array command must be issued before data can be
read from the memory array.
3.2.4
PROGRAM MODE
Programming
is
executed
using
a
two-write
sequence. The Program Setup command (40H) is
written to the CUI followed by a second write which
specifies the address and data to be programmed.
The WSM will execute the following sequence of
internally timed events:
1.
Program the desired bits of the addressed
memory.
2.
Verify that the desired bits are sufficiently
programmed.
Programming of the memory results in specific bits
within an address location being changed to a “0.” If
the user attempts to program “1”s, there will be no
change of the memory cell contents and no error
occurs.
The status register indicates programming status:
while the program sequence is executing, bit 7 of
the status register is a “0.” The status register can
be polled by toggling either CE# or OE#. While
programming, the only valid commands are Read
Status Register, Program Suspend, and Program
Resume.
When programming is complete, the Program
Status bits should be checked. If the programming
operation was unsuccessful, bit SR.4 of the status
register is set to indicate a program failure. If SR.3
is set then VPP was not within acceptable limits, and
the WSM did not execute the program command. If
SR.1 is set, a program operation was attempted to
a locked block and the operation was aborted.
The status register should be cleared before
attempting the next operation. Any CUI instruction
can
follow
after
programming
is
completed;
however, to prevent inadvertent status register
reads, be sure to reset the CUI to read array mode.
3.2.4.1
Suspending and Resuming
Program
The Program Suspend command allows program
suspension in order to read data in other locations
of memory. Once the programming process starts,
writing the Program Suspend command to the CUI
requests that the WSM suspend the program
sequence (at predetermined points in the program
algorithm). The device continues to output status
register data after the Program Suspend command
is written. Polling status register bits SR.7 and SR.2
will determine when the program operation has
been
suspended
(both
will
be
set
to
“1”).
tWHRH1/tEHRH1 specify the program suspend latency.
A Read Array command can now be written to the
CUI to read data from blocks other than that which
is suspended. The only other valid commands,
while program is suspended, are Read Status
Register and Program Resume. After the Program
Resume command is written to the flash memory,
the WSM will continue with the program process
and status register bits SR.2 and SR.7 will
automatically
be
cleared.
After
the
Program
Resume
command
is
written,
the
device
automatically outputs status register data when
read (see Figure 8, Program Suspend/Resume
Flowchart). VPP must remain at the same VPP level
used for program while in program suspend mode.
RP# must also remain at VIH.
3.2.4.2
VPP Supply Voltage during
Program
VPP supply voltage considerations are outlined in
Section 3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com