Electronic Components Datasheet Search
  English  ▼

X  

28F400B3 Datasheet(PDF) 5 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 5 Page - Intel Corporation

  28F400B3 Datasheet HTML 1Page - Intel Corporation 28F400B3 Datasheet HTML 2Page - Intel Corporation 28F400B3 Datasheet HTML 3Page - Intel Corporation 28F400B3 Datasheet HTML 4Page - Intel Corporation 28F400B3 Datasheet HTML 5Page - Intel Corporation 28F400B3 Datasheet HTML 6Page - Intel Corporation 28F400B3 Datasheet HTML 7Page - Intel Corporation 28F400B3 Datasheet HTML 8Page - Intel Corporation 28F400B3 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
5
PRELIMINARY
1.0
INTRODUCTION
This
preliminary
datasheet
contains
the
specifications for the Advanced Boot Block flash
memory family, which is optimized for low power,
portable systems. This family of products features
1.8V–2.2V or 2.7V–3.6V I/Os and a low VCC/VPP
operating range of 2.7V–3.6V
for read and
program/erase operations. In addition this family is
capable of fast programming at 12V. Throughout
this document, the term “2.7V” refers to the full
voltage range 2.7V–3.6V (except where noted
otherwise) and “VPP = 12V” refers to 12V ±5%.
Section 1 and 2 provides an overview of the flash
memory family including applications, pinouts and
pin descriptions. Section 3 describes the memory
organization and operation for these products.
Finally, Sections 4, 5, 6 and 7 contain the
operating specifications.
1.1
Smart 3 Advanced Boot Block
Flash Memory Enhancements
The new 4-Mbit, 8-Mbit, and 16-Mbit Smart 3
Advanced Boot Block flash memory provides a
convenient upgrade from and/or compatibility to
previous 4-Mbit and 8-Mbit Boot Block products.
The Smart 3 product functions are similar to lower
density products in both command sets and
operation, providing similar pinouts to ease density
upgrades.
The Smart 3 Advanced Boot Block flash memory
features
• Enhanced blocking for easy segmentation of
code and data or additional design flexibility
• Program Suspend command which permits
program suspend to read
• WP# pin to lock and unlock the upper two (or
lower two, depending on location) 4-Kword
blocks
• VCCQ input for 1.8V–2.2V on all I/Os. See
Figure 1-4 for pinout diagrams and VCCQ
location
• Maximum program time specification for
improved data storage.
Table 1. Smart 3 Advanced Boot Block Feature Summary
Feature
28F160B3
Reference
VCC Read Voltage
2.7V– 3.6V
Table 9, Table 12
VCCQ I/O Voltage
1.8V–2.2V or 2.7V– 3.6V
Table 9, Table 12
VPP Program/Erase Voltage
2.7V– 3.6V or 11.4V– 12.6V
Table 9, Table 12
Bus Width
16 bit
Table 2
Speed
120 ns
Table 15
Memory Arrangement
256-Kbit x 16 (4-Mbit), 512-Kbit x 16 (8-Mbit),
1024-Kbit x 16 (16-Mbit)
Blocking (top or bottom)
Eight 4-Kword parameter blocks (4/8/16) &
Seven 32-Kword blocks (4-Mbit)
Fifteen 32-Kword blocks (8-Mbit)
Thirty-one 32-Kword main blocks (16-Mbit)
Section 2.2
Figures 5 and 6
Locking
WP# locks/unlocks parameter blocks
All other blocks protected using VPP switch
Section 3.3
Table 8
Operating Temperature
Extended: –40
°C to +85°C
Table 9, Table 12
Program/Erase Cycling
10,000 cycles
Table 9, Table 12
Packages
48-Lead TSOP, 48-Ball
µBGA* CSP
Figures 1, 2, 3,
and 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com