Electronic Components Datasheet Search
  English  ▼

X  

28F400B3 Datasheet(PDF) 37 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 37 Page - Intel Corporation

Back Button 28F400B3 Datasheet HTML 33Page - Intel Corporation 28F400B3 Datasheet HTML 34Page - Intel Corporation 28F400B3 Datasheet HTML 35Page - Intel Corporation 28F400B3 Datasheet HTML 36Page - Intel Corporation 28F400B3 Datasheet HTML 37Page - Intel Corporation 28F400B3 Datasheet HTML 38Page - Intel Corporation 28F400B3 Datasheet HTML 39Page - Intel Corporation 28F400B3 Datasheet HTML 40Page - Intel Corporation 28F400B3 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
37
PRELIMINARY
Table 13. DC Characteristics: VCCQ = 1.8V–2.2V (Continued)
Sym
Parameter
Notes
VCC1:
2.7V–2.85V
VCC2:
2.7V–3.3V
Unit
Test Conditions
Min
Max
VIL
Input Low Voltage
–0.2
0.2
V
VIH
Input High Voltage
VCCQ –
0.2V
V
VOL
Output Low Voltage
–0.10
0.10
V
VCC = VCCMin
VCCQ = VCCQMin
IOL = 100 µA
VOH
Output High Voltage
VCCQ –
0.1V
VVCC = VCCMin
VCCQ = VCCQMin
IOL = –100 µA
VPPLK VPP Lock-Out Voltage
3
1.5
V
Complete Write Protection
VPPH1 VPP during Program/
Erase Operations
3
2.7
2.85
V
VPPH2
3
2.7
3.3
V
VPPH3
3,6
11.4
12.6
V
VLKO1 VCC Program/Erase Lock
Voltage
1.5
V
VLKO2 VCCQ Program/Erase
Lock Voltage
1.2
V
NOTES:
1.
All currents are in RMS unless otherwise noted. Typical values at nominal VCC, TA = +25°C.
2.
ICCES and ICCWS are specified with device de-selected. If device is read while in erase suspend, current draw is ICCR. If the
device is read while in program suspend , current draw is ICCR.
3.
Erases and Writes inhibited when VPP < VPPLK, and not guaranteed outside the valid VPP ranges of VPPH1,VPPH2. or VPPH3.
4.
Sampled, not 100% tested.
5.
Automatic Power Savings (APS) reduces ICCR to approximately standby levels in static operation (CMOS inputs).
6.
Applying VPP = 11.4V–12.6V during program/erase can only be done for a maximum of 1000 cycles on the main blocks
and 2500 cycles on the parameter blocks. VPP may be connected to 12V for a total of 80 hours maximum. See Section 3.4
for details.
7
Includes the sum of VCC and VCCQ current
Table 14. Capacitance (TA = 25°C, f = 1 MHz)
Sym
Parameter
Notes
Typ
Max
Units
Conditions
CIN
Input Capacitance
1
6
8
pF
VIN = 0V
COUT
Output Capacitance
1
10
12
pF
VOUT = 0V
NOTE:
1.
Sampled, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com