Electronic Components Datasheet Search
  English  ▼

X  

28F400B3 Datasheet(PDF) 45 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 45 Page - Intel Corporation

Back Button 28F400B3 Datasheet HTML 41Page - Intel Corporation 28F400B3 Datasheet HTML 42Page - Intel Corporation 28F400B3 Datasheet HTML 43Page - Intel Corporation 28F400B3 Datasheet HTML 44Page - Intel Corporation 28F400B3 Datasheet HTML 45Page - Intel Corporation 28F400B3 Datasheet HTML 46Page - Intel Corporation 28F400B3 Datasheet HTML 47Page - Intel Corporation 28F400B3 Datasheet HTML 48Page - Intel Corporation 28F400B3 Datasheet HTML 49Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
45
PRELIMINARY
APPENDIX A
ORDERING INFORMATION
T E 2 8 F 1 6 0 B 3 T 1 2 0
Package
TE = 48-Lead TSOP
GT = 48-Ball µBGA* CSP
Product line designator
for all Intel Flash products
Access Speed (ns)
(120, 150)
Product Family
B3 = Smart 3 Advanced Boot Block
V
CC = 2.7V - 3.6V
V
PP = 2.7V - 3.6V or 11.4V - 12.6V
Device Density
160 = x16 (16 Mbit)
800 = x16 (8 Mbit)
400 = x 16 (4 Mbit)
T = Top Blocking
B = Bottom Blocking
VALID COMBINATIONS
48-Lead TSOP
48-Ball
µBGA* CSP
Extended
16M
TE28F160B3T120
GT28F160B3T120
TE28F160B3B120
GT28F160B3B120
TE28F160B3T150
GT28F160B3T150
TE28F160B3B150
GT28F160B3B150
Extended
8M
TE28F800B3T120
GT28F800B3T120
TE28F800B3B120
GT28F800B3B120
TE28F800B3T150
GT28F800B3T150
TE28F800B3B150
GT28F800B3B150
Extended
4M
TE28F400B3T120
GT28F400B3T120
TE28F400B3B120
GT28F400B3B120
TE28F400B3T150
GT28F400B3T150
TE28F400B3B150
GT28F400B3B150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com