Electronic Components Datasheet Search
  English  ▼

X  

28F400B3 Datasheet(PDF) 31 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 31 Page - Intel Corporation

Back Button 28F400B3 Datasheet HTML 27Page - Intel Corporation 28F400B3 Datasheet HTML 28Page - Intel Corporation 28F400B3 Datasheet HTML 29Page - Intel Corporation 28F400B3 Datasheet HTML 30Page - Intel Corporation 28F400B3 Datasheet HTML 31Page - Intel Corporation 28F400B3 Datasheet HTML 32Page - Intel Corporation 28F400B3 Datasheet HTML 33Page - Intel Corporation 28F400B3 Datasheet HTML 34Page - Intel Corporation 28F400B3 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
31
PRELIMINARY
Table 10. DC Characteristics (Continued)
Sym
Parameter
Notes
VCC = 2.7V–3.6V
Unit
Test Conditions
Typ
Max
IPPW
VPP Program Current
1,4
15
40
mA
VPP = VPPH1 (3V)
Program in Progress
10
25
mA
VPP = VPPH2 (12V)
Program in Progress
IPPE
VPP Erase Current
1,4
13
25
mA
VPP = VPPH1 (3V)
Erase in Progress
825
mA
VPP = VPPH2 (12V)
Erase in Progress
IPPES
VPP Erase Suspend
Current
1,4
50
200
µA
VPP = VPPH1 or VPPH2
Erase Suspend in Progress
IPPWS
VPP Program Suspend
Current
1,4
50
200
µA
VPP = VPPH1 or VPPH2
Program Suspend in Progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com