Electronic Components Datasheet Search
  English  ▼

X  

28F400B3 Datasheet(PDF) 22 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 28F400B3 Datasheet HTML 18Page - Intel Corporation 28F400B3 Datasheet HTML 19Page - Intel Corporation 28F400B3 Datasheet HTML 20Page - Intel Corporation 28F400B3 Datasheet HTML 21Page - Intel Corporation 28F400B3 Datasheet HTML 22Page - Intel Corporation 28F400B3 Datasheet HTML 23Page - Intel Corporation 28F400B3 Datasheet HTML 24Page - Intel Corporation 28F400B3 Datasheet HTML 25Page - Intel Corporation 28F400B3 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
E
22
PRELIMINARY
Start
Write 40H
Program Address/Data
Read Status Register
SR.7 = 1?
Full Status
Check if Desired
Program Complete
Read Status Register
Data (See Above)
V
PP Range Error
Programming Error
Attempted Program to
Locked Block - Aborted
Program Successful
SR.3 =
SR.4 =
SR.1 =
FULL STATUS CHECK PROCEDURE
Bus Operation
Write
Write
Standby
Repeat for subsequent programming operations.
SR Full Status Check can be done after each program or after a sequence of
program operations.
Write FFH after the last program operation to reset device to read array mode.
Bus Operation
Standby
Standby
SR.3 MUST be cleared, if set during a program attempt, before further
attempts are allowed by the Write State Machine.
SR.1, SR.3 and SR.4 are only cleared by the Clear Staus Register Command,
in cases where multiple bytes are programmed before full status is checked.
If an error is detected, clear the status register before attempting retry or other
error recovery.
No
Yes
1
0
1
0
1
0
Command
Program Setup
Program
Comments
Data = 40H
Data = Data to Program
Addr = Location to Program
Check SR.7
1 = WSM Ready
0 = WSM Busy
Command
Comments
Check SR.3
1 = V
PP Low Detect
Check SR.1
1 = Attempted Program to
Locked Block - Program
Aborted
Read
Status Register Data Toggle
CE# or OE# to Update Status
Register Data
Standby
Check SR.4
1 = V
PP Program Error
0580_07
Figure 7. Automated Word Programming Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com