Electronic Components Datasheet Search
  English  ▼

X  

28F400B3 Datasheet(PDF) 41 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 41 Page - Intel Corporation

Back Button 28F400B3 Datasheet HTML 37Page - Intel Corporation 28F400B3 Datasheet HTML 38Page - Intel Corporation 28F400B3 Datasheet HTML 39Page - Intel Corporation 28F400B3 Datasheet HTML 40Page - Intel Corporation 28F400B3 Datasheet HTML 41Page - Intel Corporation 28F400B3 Datasheet HTML 42Page - Intel Corporation 28F400B3 Datasheet HTML 43Page - Intel Corporation 28F400B3 Datasheet HTML 44Page - Intel Corporation 28F400B3 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
41
PRELIMINARY
Table 16. AC Characteristics: Write Operations (Extended Temperature)1
Load
50 pF
#
Symbol
Parameter
VCC
2.7V–3.6V5
2.7V-3.6V5
Units
Prod
120 ns
150 ns
Notes
Min
Max
Min
Max
W1
tPHWL
tPHEL
RP# High Recovery to
WE# (CE#) Going Low
600
600
ns
W2
tELWL
tWLEL
CE# (WE#) Setup to
WE# (CE#) Going Low
00
ns
W3
tWLWH
tELEH
WE# (CE#) Pulse Width
90
90
ns
W4
tDVWH
tDVEH
Data Setup to WE#
(CE#) Going High
370
70
ns
W5
tAVWH
tAVEH
Address Setup to WE#
(CE#) Going High
290
90
ns
W6
tWHEH
tEHWH
CE# (WE#) Hold Time
from WE# (CE#) High
00
ns
W7
tWHDX
tEHDX
Data Hold Time from
WE# (CE#) High
30
0
ns
W8
tWHAX
tEHAX
Address Hold Time from
WE# (CE#) High
20
0
ns
W9
tWHWL
tEHEL
WE# (CE#) Pulse Width
High
30
30
ns
W10
tVPWH
tVPEH
VPP Setup to WE# (CE#)
Going High
4
200
200
ns
W11
tQVVL
VPP Hold from Valid SRD
4
0
0
ns
tLOCK
Block Unlock / Lock
Delay
4, 6
200
200
ns
NOTES:
1.
Read timing characteristics during program suspend and erase suspend are the same as during read-only operations.
Refer to AC Characteristics during read mode.
2.
Refer to command definition table for valid A
IN (Table 6).
3.
Refer to command definition table for valid D
IN (Table 6).
4.
Sampled, but not 100% tested.
5.
See Test Configuration (Figures 12 and 14), 2.7V–3.6V and 1.8V–2.2V Standard Test component values.
6.
Time tLOCK is required for successful locking and unlocking of all lockable blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com