Electronic Components Datasheet Search
  English  ▼

X  

D8088 Datasheet(PDF) 1 Page - Intel Corporation

Part # D8088
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D8088 Datasheet(HTML) 1 Page - Intel Corporation

  D8088 Datasheet HTML 1Page - Intel Corporation D8088 Datasheet HTML 2Page - Intel Corporation D8088 Datasheet HTML 3Page - Intel Corporation D8088 Datasheet HTML 4Page - Intel Corporation D8088 Datasheet HTML 5Page - Intel Corporation D8088 Datasheet HTML 6Page - Intel Corporation D8088 Datasheet HTML 7Page - Intel Corporation D8088 Datasheet HTML 8Page - Intel Corporation D8088 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
August 1990
Order Number 231456-006
8088
8-BIT HMOS MICROPROCESSOR
80888088-2
Y
8-Bit Data Bus Interface
Y
16-Bit Internal Architecture
Y
Direct Addressing Capability to 1 Mbyte
of Memory
Y
Direct Software Compatibility with 8086
CPU
Y
14-Word by 16-Bit Register Set with
Symmetrical Operations
Y
24 Operand Addressing Modes
Y
Byte Word and Block Operations
Y
8-Bit and 16-Bit Signed and Unsigned
Arithmetic in Binary or Decimal
Including Multiply and Divide
Y
Two Clock Rates
5 MHz for 8088
8 MHz for 8088-2
Y
Available in EXPRESS
Standard Temperature Range
Extended Temperature Range
The Intel 8088 is a high performance microprocessor implemented in N-channel depletion load silicon gate
technology (HMOS-II) and packaged in a 40-pin CERDIP package The processor has attributes of both 8-
and 16-bit microprocessors It is directly compatible with 8086 software and 80808085 hardware and periph-
erals
231456 – 1
Figure 1 8088 CPU Functional Block Diagram
231456 – 2
Figure 2 8088 Pin Configuration


Similar Part No. - D8088

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
8-BIT HMOS MICROPROCESSORS
logo
3M Electronics
D8085AH 3M-D8085AH Datasheet
1Mb / 21P
8-BIT HMOS MICROPROCESSORS
Rev C
D8085AH-1 3M-D8085AH-1 Datasheet
1Mb / 21P
8-BIT HMOS MICROPROCESSORS
Rev C
D8085AH-2 3M-D8085AH-2 Datasheet
1Mb / 21P
8-BIT HMOS MICROPROCESSORS
Rev C
More results

Similar Description - D8088

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8085AP-2 TOSHIBA-TMP8085AP-2 Datasheet
549Kb / 25P
8-Bit Microprocessor
logo
Siemens Semiconductor G...
SAB8085AH SIEMENS-SAB8085AH Datasheet
569Kb / 28P
8-Bit Microprocessor
logo
Intel Corporation
P8748H INTEL-P8748H Datasheet
704Kb / 13P
HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER
8085AH INTEL-8085AH Datasheet
664Kb / 20P
8 BIT HMOS MICROPROCESSORS
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
8-BIT HMOS MICROPROCESSORS
8085A INTEL-8085A Datasheet
542Kb / 11P
8-Bit Microprocessor
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
HMOS 16/32-BIT MICROPROCESSOR
logo
Intel Corporation
M8085AH INTEL-M8085AH Datasheet
1Mb / 8P
8-BIT HMOS MICROPROCESSOR
logo
3M Electronics
8085AH 3M-8085AH Datasheet
1Mb / 21P
8-BIT HMOS MICROPROCESSORS
Rev C
logo
Intel Corporation
8086 INTEL-8086 Datasheet
623Kb / 30P
16-BIT HMOS MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com