Electronic Components Datasheet Search
  English  ▼

X  

D8088 Datasheet(PDF) 26 Page - Intel Corporation

Part # D8088
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D8088 Datasheet(HTML) 26 Page - Intel Corporation

Back Button D8088 Datasheet HTML 22Page - Intel Corporation D8088 Datasheet HTML 23Page - Intel Corporation D8088 Datasheet HTML 24Page - Intel Corporation D8088 Datasheet HTML 25Page - Intel Corporation D8088 Datasheet HTML 26Page - Intel Corporation D8088 Datasheet HTML 27Page - Intel Corporation D8088 Datasheet HTML 28Page - Intel Corporation D8088 Datasheet HTML 29Page - Intel Corporation D8088 Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
8088
80868088 Instruction Set Summary
Mnemonic and
Instruction Code
Description
DATA TRANSFER
MOV e Move
76543210
76543210
76543210
76543210
RegisterMemory tofrom Register
100010dw
mod
reg
r m
Immediate to RegisterMemory
1100011w
mod000r m
data
data if w e 1
Immediate to Register
1011wreg
data
data if w e 1
Memory to Accumulator
1010000w
addr-low
addr-high
Accumulator to Memory
1010001w
addr-low
addr-high
RegisterMemory to Segment Register
10001110
mod0reg r m
Segment Register to RegisterMemory
10001100
mod0reg r m
PUSH e Push
RegisterMemory
11111111
mod110r m
Register
01010reg
Segment Register
000reg110
POP e Pop
RegisterMemory
10001111
mod000r m
Register
01011reg
Segment Register
000reg111
XCHG e Exchange
RegisterMemory with Register
1000011w
mod reg r m
Register with Accumulator
10010reg
IN e Input from
Fixed Port
1110010w
port
Variable Port
1110110w
OUT e Output to
Fixed Port
1110011w
port
Variable Port
1110111w
XLAT e
Translate Byte to AL
11010111
LEA e
Load EA to Register
10001101
mod reg r m
LDS e
Load Pointer to DS
11000101
mod reg r m
LES e
Load Pointer to ES
11000100
mod reg r m
LAHF e
Load AH with Flags
10011111
SAHF e
Store AH into Flags
10011110
PUSHF e
Push Flags
10011100
POPF e
Pop Flags
10011101
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com